Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3558 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3558
Description  Bipolar NPNP Device in a Hermetically sealed TO39 Metal Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3558 Datasheet(HTML) 1 Page - Seme LAB

  2N3558 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N3558
Bipolar NPNP Device.
V
CEO =
I
C =
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
V
I
C(CONT)
A
h
FE
@ (V
CE / IC)
-
f
t
Hz
P
D
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar NPNP Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Similar Part No. - 2N3558

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3550 CENTRAL-2N3550 Datasheet
33Kb / 1P
Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N3550 NJSEMI-2N3550 Datasheet
83Kb / 1P
SI PNP LO-PWR BJT
logo
NXP Semiconductors
2N3553 PHILIPS-2N3553 Datasheet
45Kb / 8P
Silicon planar epitaxial overlay transistor
1995 Oct 27
logo
List of Unclassifed Man...
2N3553 ETC1-2N3553 Datasheet
245Kb / 3P
silicon transistors UHF/VHF power transistors
logo
Advanced Semiconductor
2N3553 ASI-2N3553 Datasheet
25Kb / 1P
NPN SILICON RF TRANSISTOR
More results

Similar Description - 2N3558

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SF_2N5148 SEME-LAB-SF_2N5148 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
2N3535 SEME-LAB-2N3535 Datasheet
11Kb / 1P
Bipolar NPNP Device in a Hermetically sealed TO39 Metal Package.
SF_2N5675 SEME-LAB-SF_2N5675 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
2N5095 SEME-LAB-2N5095 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
BFT81 SEME-LAB-BFT81 Datasheet
43Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package.
2N3537 SEME-LAB-2N3537 Datasheet
11Kb / 1P
Bipolar NPNP Device in a Hermetically sealed TO39 Metal Package
2N3536 SEME-LAB-2N3536 Datasheet
20Kb / 1P
Bipolar NPNP Device in a Hermetically sealed TO39 Metal Package.
2N2329 SEME-LAB-2N2329 Datasheet
11Kb / 1P
Bipolar NPNP Device in a Hermetically sealed TO39 Metal Package.
BC460-4 SEME-LAB-BC460-4 Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
2N2326 SEME-LAB-2N2326 Datasheet
16Kb / 1P
Bipolar NPNP Device in a Hermetically sealed TO39
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com