Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA15P60-1U1M Datasheet(PDF) 9 Page - STMicroelectronics

Part # ESDA15P60-1U1M
Description  High power transient voltage suppressor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA15P60-1U1M Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ESDA15P60-1U1M Datasheet HTML 2Page - STMicroelectronics ESDA15P60-1U1M Datasheet HTML 3Page - STMicroelectronics ESDA15P60-1U1M Datasheet HTML 4Page - STMicroelectronics ESDA15P60-1U1M Datasheet HTML 5Page - STMicroelectronics ESDA15P60-1U1M Datasheet HTML 6Page - STMicroelectronics ESDA15P60-1U1M Datasheet HTML 7Page - STMicroelectronics ESDA15P60-1U1M Datasheet HTML 8Page - STMicroelectronics ESDA15P60-1U1M Datasheet HTML 9Page - STMicroelectronics ESDA15P60-1U1M Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ESDA15P60-1U1M
Ordering information
Doc029408 Rev 1
9/10
4
Ordering information
Figure 18: Ordering information scheme
Table 4: Ordering information
Order code
Marking(1)
Package
Weight
Base qty.
Delivery mode
ESDA15P60-1U1M
J
QFN 1610
2.4 mg
8000
Tape and reel
Notes:
(1)The marking can be rotated by multiples of 90° to differentiate assembly location
5
Revision history
Table 5: Document revision history
Date
Revision
Changes
27-Jul-2016
1
Initial release.
ESDA
15 P60 - 1U1 M
ESD Array
Breakdown voltage
15 = 14.3 V typ.
I
PP 8/20 µs
Direction
1U1 = Unidirectional
Package
M = QFN
P60 = 57 A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com