Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA25P35-1U1M Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA25P35-1U1M
Description  High power transient voltage suppressor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA25P35-1U1M Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA25P35-1U1M Datasheet HTML 1Page - STMicroelectronics ESDA25P35-1U1M Datasheet HTML 2Page - STMicroelectronics ESDA25P35-1U1M Datasheet HTML 3Page - STMicroelectronics ESDA25P35-1U1M Datasheet HTML 4Page - STMicroelectronics ESDA25P35-1U1M Datasheet HTML 5Page - STMicroelectronics ESDA25P35-1U1M Datasheet HTML 6Page - STMicroelectronics ESDA25P35-1U1M Datasheet HTML 7Page - STMicroelectronics ESDA25P35-1U1M Datasheet HTML 8Page - STMicroelectronics ESDA25P35-1U1M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
ESDA25P35-1U1M
2/10
DocID029556 Rev 1
1
Characteristics
Table 1: Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2:
Contact discharge
Air discharge
>30
>30
kV
PPP
Peak pulse power
8/20μs
1400
W
IPP
Peak pulse current
8/20μs
35
A
Tstg
Storage junction temperature range
-55 to +150
°C
Tj
Maximum operating junction temperature
-55 to +150
Figure 2: Electrical characteristics (definitions)
Table 2: Electrical characteristics (Tamb = 25 °C)
Symbol
Test condition
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
23.3
24.6
25.8
V
VRM
22
IRM
VRM = 22 V
200
nA
Rd
8/20 µs
0.45
Ω
VCL
IPP = 35 A; 8/20 µs
39
41
V
IPP = 10 A; 8/20 µs
29
31
VF
IF = 10 mA
0.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com