Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS203B0 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLS203B0
Description  Linear Voltage Post Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS203B0 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLS203B0 Datasheet HTML 5Page - Infineon Technologies AG TLS203B0 Datasheet HTML 6Page - Infineon Technologies AG TLS203B0 Datasheet HTML 7Page - Infineon Technologies AG TLS203B0 Datasheet HTML 8Page - Infineon Technologies AG TLS203B0 Datasheet HTML 9Page - Infineon Technologies AG TLS203B0 Datasheet HTML 10Page - Infineon Technologies AG TLS203B0 Datasheet HTML 11Page - Infineon Technologies AG TLS203B0 Datasheet HTML 12Page - Infineon Technologies AG TLS203B0 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TLS203B0
General Product Characteristics
Data Sheet
9
Rev. 1.2, 2015-01-12
4.2
Functional Range
Note: Within the functional or operating range, the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the Electrical Characteristics table.
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Table 2
Functional Range
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Input Voltage Range
(fix voltage version)
V
I
3.8
–
20
V
–
P_4.2.1
Input Voltage Range
(adjustable voltage version)
V
I
2.3
–
20
V
– 1)
1) For the TLS203B0 adjustable version the minimum limit of the functional range
V
I is tested and specified with the ADJ pin
connected to the Q pin.
P_4.2.2
Output Capacitor’s Requirements
for Stability
C
Q
3.3
–
–
µF
C
BYP =0nF
2)
2) for further details see corresponding graph.
P_4.2.3
Output Capacitor’s Requirements
for Stability
C
Q
6.8
–
–
µF
0<C
BYP ≤ 10 nF
2) P_4.2.4
ESR
ESR
– 3)
3)
C
BYP =0nF, CQ ≥ 3.3 µF; please note that for cases where a bypass capacitor at BYP is used – depending on the actual
applied capacitance of
C
Q and CBYP a minimum requirement for ESR of CQ may apply.
–3
Ω
– 2)
P_4.2.5
Operating Junction Temperature
T
j
-40
–
125
°C
–
P_4.2.6
Table 3
Thermal Resistance 1)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
TLS203B0EJ (PG-DSO-8 Exposed Pad)
Junction to Case
R
thJC
–
7.0
–
K/W
–
P_4.3.1
Junction to Ambient
R
thJA
–39
–
K/W
– 2)
P_4.3.2
Junction to Ambient
R
thJA
–
155
–
K/W
Footprint only 3)
P_4.3.3
Junction to Ambient
R
thJA
–
66
–
K/W
300 mm2 heatsink
area on PCB 3)
P_4.3.4
Junction to Ambient
R
thJA
–
52
–
K/W
600 mm2 heatsink
area on PCB 3)
P_4.3.5
TLS203B0LD (PG-TSON-10)
Junction to Case
R
thJC
–
6.4
–
K/W
–
P_4.3.6
Junction to Ambient
R
thJA
–53
–
K/W
– 2)
P_4.3.7
Junction to Ambient
R
thJA
–
183
–
K/W
Footprint only 3)
P_4.3.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com