Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS205B0LDV Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLS205B0LDV
Description  Linear Voltage Post Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS205B0LDV Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLS205B0LDV Datasheet HTML 6Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 7Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 8Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 9Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 10Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 11Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 12Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 13Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Data Sheet
10
Rev. 1.2, 2015-01-15
TLS205B0
General Product Characteristics
Junction to Ambient
R
thJA
–
69
–
K/W
300 mm2 heatsink
area on PCB 3)
P_4.3.9
Junction to Ambient
R
thJA
–
57
–
K/W
600 mm2 heatsink
area on PCB 3)
P_4.3.10
1) Not subject to production test, specified by design.
2) Specified
R
thJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70 µm Cu, 2 x 35 µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
3) Specified
R
thJA value is according to JEDEC JESD 51-3 at natural convection on FR4 1s0p board; The Product
(Chip+Package) was simulated on a 76.2 × 114.3 × 1.5 mm3 board with 1 copper layer (1 x 70 µm Cu).
Table 3
Thermal Resistance 1)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com