Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS205B0LDV33 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLS205B0LDV33
Description  Linear Voltage Post Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS205B0LDV33 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLS205B0LDV33 Datasheet HTML 9Page - Infineon Technologies AG TLS205B0LDV33 Datasheet HTML 10Page - Infineon Technologies AG TLS205B0LDV33 Datasheet HTML 11Page - Infineon Technologies AG TLS205B0LDV33 Datasheet HTML 12Page - Infineon Technologies AG TLS205B0LDV33 Datasheet HTML 13Page - Infineon Technologies AG TLS205B0LDV33 Datasheet HTML 14Page - Infineon Technologies AG TLS205B0LDV33 Datasheet HTML 15Page - Infineon Technologies AG TLS205B0LDV33 Datasheet HTML 16Page - Infineon Technologies AG TLS205B0LDV33 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
TLS205B0
Electrical Characteristics
Data Sheet
13
Rev. 1.2, 2015-01-15
Output Voltage Noise
TLS205B0EJV33
TLS205B0LDV33
e
no
–45
–
µV
RMS
C
Q =10µF;
C
BYP =10nF;
I
Q =500 mA ;
BW =10Hzto100 kHz
P_5.0.35
Output Voltage Noise
TLS205B0EJV33
TLS205B0LDV33
e
no
–35
–
µV
RMS
C
Q =10µF
+250mΩ resistor in series;
C
BYP =10nF;
I
Q =500 mA ;
BW =10Hzto100 kHz
P_5.0.36
Output Voltage Noise
TLS205B0EJV33
TLS205B0LDV33
e
no
–33
–
µV
RMS
C
Q =22µF
C
BYP =10nF;
I
Q =500 mA ;
BW =10Hzto100 kHz
P_5.0.37
Output Voltage Noise
TLS205B0EJV33
TLS205B0LDV33
e
no
–30
–
µV
RMS
C
Q =22µF
+250mΩ resistor in series;
C
BYP =10nF;
I
Q =500 mA ;
BW =10Hzto100 kHz
P_5.0.38
Power Supply Ripple Rejection 10)
Power Supply Ripple Rejection
PSRR
–65
–
dB
V
I - VQ = 1.5 V (avg) ;
V
RIPPLE =0.5 Vpp;
f
r = 120 Hz ; IQ =500 mA
P_5.0.39
Output Current Limitation
Output Current Limit
I
Q,limit
520
–
–
mA
V
I =7V ; VQ = 0 V
P_5.0.40
Output Current Limit
I
Q,limit
520
–
–
mA
V
I = VQ,nom +1V or
2.3 V 12) ; ∆
V
Q =-0.1V
P_5.0.41
Input Reverse Leakage Current
Input Reverse Leakage
I
leak,rev
––
1
mA
V
I =-20 V ; VQ = 0 V
P_5.0.42
Reverse Output Current 13)
Fixed Voltage Version
I
Reverse
–10
20
µA
V
Q = VQ,nom ; VI < VQ,nom ;
T
J =25°C
P_5.0.43
Adjustable Voltage Version
I
Reverse
–5
10
µA
V
Q =1.22V; VI < 1.22 V ;
T
J =25°C
3)
P_5.0.44
1) This parameter defines the minimum input voltage for which the device is powered up and provides the maximum nominal
output current of 500 mA. The output voltage of the adjustable version in this condition depends on the chosen setting of
the external voltage divider as well as on the applied conditions
– thus the device is either regulating its nominal output
voltage or is in tracking mode.The 3.3 V fixed voltage version is by definition in tracking mode for such low input voltages.
2) For the adjustable version of the TLS205B0 the dropout voltage for certain output voltage / load conditions will be restricted
by the minimum input voltage specification.
3) The adjustable version of the TLS205B0 is tested / specified for these conditions with the ADJ pin connected to the Q pin.
Table 4
Electrical Characteristics (cont’d)
-40 °C <
T
j < 125 °C; all voltages with respect to ground; positive current defined flowing out of pin; unless
otherwise specified.
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com