Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7183SCD3 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7183SCD3
Description  Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183SCD3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7183SCD3 Datasheet HTML 1Page - Infineon Technologies AG TLE7183SCD3 Datasheet HTML 2Page - Infineon Technologies AG TLE7183SCD3 Datasheet HTML 3Page - Infineon Technologies AG TLE7183SCD3 Datasheet HTML 4Page - Infineon Technologies AG TLE7183SCD3 Datasheet HTML 5Page - Infineon Technologies AG TLE7183SCD3 Datasheet HTML 6Page - Infineon Technologies AG TLE7183SCD3 Datasheet HTML 7Page - Infineon Technologies AG TLE7183SCD3 Datasheet HTML 8Page - Infineon Technologies AG TLE7183SCD3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
PG-VQFN-48
Data Sheet
3
2.2, 2016-01-27
TLE7183F
Type
Options
Package
Marking
TLE7183F
SCD1
PG-VQFN-48
TLE7183SCD1
TLE7183F
SCD2
PG-VQFN-48
TLE7183SCD2
TLE7183F
SCD3
PG-VQFN-48
TLE7183SCD3
TLE7183F
SCD4
PG-VQFN-48
TLE7183SCD4
TLE7183F
SCD5
PG-VQFN-48
TLE7183SCD5
1Overview
Features
Compatible to very low ohmic normal level input N-Channel MOSFETs
Separate input for each MOSFET
PWM frequency up to 30kHz
Fulfils specification down to 5.5V supply voltage
Low EMC sensitivity and emission
VQFN-48 package with exposed heat slug
Control inputs with TTL characteristics
Separate source connection for each MOSFET
Integrated minimum dead time
Shoot through protection
Short circuit protection with 5 fixed detection level available
Disable function and sleep mode
Detailed diagnosis
Thermal overload warning for driver IC
integrated overcurrent warning
Integrated current sense amplifier
0 to 100% duty cycle
Green Product (RoHS compliant)
AEC Qualified
Description
The TLE7183F is a driver IC dedicated to control the 6 to 12 external MOSFETs forming the converter for high
current 3 phase motor drives in the automotive sector. It incorporates features like short circuit detection, diagnosis
and high output performance and combines it with typical automotive specific requirements like full functionality
even at low battery voltages. Its 3 high side and 3 low side output stages are powerful enough to drive MOSFETs
with 400nC gate charge with approx. 150 ns fall and rise times.
The TLE7183F can be ordered with 5 different options for a fixed short circuit detection level. Please see Table 2
for detailed information.
Typical applications are cooling fan, water pump, electro-hydraulic and electric power steering. The TLE7183F is
designed for 12 Vpower net.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com