Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSO Datasheet(PDF) 2 Page - Schurter Inc.

Part # CSO
Description  Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CSO Datasheet(HTML) 2 Page - Schurter Inc.

  CSO Datasheet HTML 1Page - Schurter Inc. CSO Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Fuseholder Blocks & Clips
CSO
www.schurter.com /PG02
Fuses
12
13.8±0.1
Screw or rivet version
30
+0.4
0
ø 3.4
Drilling diagram
All Variants
Weight
Terminal
Packaging
Admissible Ambient Air
Temp.
Climatic Category Coating
Order Number
4.45 g
Screw or Rivet
Bulk 128 x 91 x 60 mm (100 pcs.)
-40 °C - 155 °C
40/155/21
silver-plated
0751.0500
█
4.45 g
Screw or Rivet
Bulk 251 x 159 x 152 mm (1000 pcs.)
-40 °C - 155 °C
40/155/21
silver-plated
0751.0501
█
4.45 g
Screw or Rivet
Bulk 128 x 91 x 60 mm (100 pcs.)
-40 °C - 125 °C
40/125/21
tinned
0751.0502
█
4.45 g
Screw or Rivet
Bulk 251 x 159 x 152 mm (1000 pcs.)
-40 °C - 125 °C
40/125/21
tinned
0751.0503
█
4.6 g
Solder, THT
Bulk 128 x 91 x 60 mm (100 pcs.)
-40 °C - 155 °C
40/155/21
silver-plated
0751.0505
█
4.6 g
Solder, THT
Bulk 251 x 159 x 152 mm (1000 pcs.)
-40 °C - 155 °C
40/155/21
silver-plated
0751.0506
█
4.6 g
Solder, THT
Bulk 128 x 91 x 60 mm (100 pcs.)
-40 °C - 125 °C
40/125/21
tinned
0751.0507
█
4.6 g
Solder, THT
Bulk 251 x 159 x 152 mm (1000 pcs.)
-40 °C - 125 °C
40/125/21
tinned
0751.0508
█
█ Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Accessories
Description
ESO 10.3x38
Fuse Inserter/Extractor with Cover Function for 10.3x38 mm Fuses in Clips, Patent Pending
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com