Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8S512K32 Datasheet(PDF) 13 Page - Micross Components

Part # AS8S512K32
Description  Low power CMOS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8S512K32 Datasheet(HTML) 13 Page - Micross Components

Back Button AS8S512K32 Datasheet HTML 9Page - Micross Components AS8S512K32 Datasheet HTML 10Page - Micross Components AS8S512K32 Datasheet HTML 11Page - Micross Components AS8S512K32 Datasheet HTML 12Page - Micross Components AS8S512K32 Datasheet HTML 13Page - Micross Components AS8S512K32 Datasheet HTML 14Page - Micross Components AS8S512K32 Datasheet HTML 15Page - Micross Components AS8S512K32 Datasheet HTML 16Page - Micross Components AS8S512K32 Datasheet HTML 17Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
SRAM
AS8S512K32
& AS8S512K32A
AS8S512K32 & AS8S512K32A
Rev. 6.9 08/13
Micross Components reserves the right to change products or specifications without notice.
13
MECHANICAL DEFINITIONS*
Micross Case (Package Designator BQFP)
SMD 5962-95624, Case Outline N
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-95624
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
C
SHEET
11
DSCC FORM 2234
APR 97
Case outline N.
FIGURE 1. Case outline(s).
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-95624
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
C
SHEET
12
DSCC FORM 2234
APR 97
Case outline N - Continued.
Symbol
Millimeters
Inches
Min
Max
Min
Max
A
2.92
5.10
.115
.200
A1
1.40
1.65
.055
.065
A2
1.14
1.40
.045
.055
b
0.30
0.46
.012
.018
C
0.23
0.31
.009
.012
D/E
63.63
66.42
2.505
2.615
D1/E1
39.24
40.01
1.545
1.575
D2/E2
71.25
84.20
2.805
3.315
e
1.14
1.40
.045
.055
e1
20.19
20.45
.795
.805
j
4.83
5.33
.190
.210
k
37.72
38.48
1.485
1.515
L
12.19
13.21
.480
.520
S1
9.45
9.86
.372
.388
NOTES:
1. The U.S. preferred system of measurement is the metric SI. This item was designed using inch-pound units of
measurement. In case of problems involving conflicts between the metric and inch-pound units, the inch-pound
units shall rule.
2. Pin numbers are for reference only.
FIGURE 1. Case outline(s) - Continued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com