Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMCS22 Datasheet(PDF) 6 Page - Schurter Inc.

Part # MSMCS22
Description  Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSMCS22 Datasheet(HTML) 6 Page - Schurter Inc.

  MSMCS22 Datasheet HTML 1Page - Schurter Inc. MSMCS22 Datasheet HTML 2Page - Schurter Inc. MSMCS22 Datasheet HTML 3Page - Schurter Inc. MSMCS22 Datasheet HTML 4Page - Schurter Inc. MSMCS22 Datasheet HTML 5Page - Schurter Inc. MSMCS22 Datasheet HTML 6Page - Schurter Inc. MSMCS22 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Metal Line Switches
MSM CS 22
www.schurter.com /PG70
Switches
Diameter
Switching
Current
Switching Voltage Illumination, LED
Torsion Pro-
tection
Housing Material
Config. Code
Order Number
[mm]
[A]
[VAC/ VDC]
22
0.1 A
30 VDC
Backlighted, green, 24 VDC
yes
Stainless Steel
MSM 22 CS BL green
1241.7036.1112000
█
22
0.1 A
30 VDC
Backlighted, green, 12 VDC
yes
Stainless Steel
MSM 22 CS BL green
1241.7036.1112074E
22
0.1 A
30 VDC
Backlighted, blue, 24 VDC
yes
Stainless Steel
MSM 22 CS BL blue
1241.7036.1114000
22
0.1 A
30 VDC
Backlighted, blue, 12 VDC
yes
Stainless Steel
MSM 22 CS BL blue
1241.7036.1114000E
22
0.1 A
30 VDC
Backlighted, white, 5 VDC
yes
Stainless Steel
MSM 22 CS BL white
1241.7036.1115000B
22
5 / 3 A
125 / 250 VAC
Backlighted, red, 24 VDC
yes
Stainless Steel
MSM 22 CS BL red
1241.7036.1121000
█
22
5 / 3 A
125 / 250 VAC
Backlighted, red, 12 VDC
yes
Stainless Steel
MSM 22 CS BL red
1241.7036.1121000E
22
5 / 3 A
125 / 250 VAC
Backlighted, red, 24 VDC
yes
Stainless Steel
MSM 22 CS BL red
1241.7036.1121074
22
5 / 3 A
125 / 250 VAC
Backlighted, green, 24 VDC
yes
Stainless Steel
MSM 22 CS BL green
1241.7036.1122000
█
22
5 / 3 A
125 / 250 VAC
Backlighted, green, 5 VDC
yes
Stainless Steel
MSM 22 CS BL green
1241.7036.1122065B
22
5 / 3 A
125 / 250 VAC
Backlighted, blue, 24 VDC
yes
Stainless Steel
MSM 22 CS BL blue
1241.7036.1124000
█
22
10 A
250 VAC
Backlighted, red, 24 VDC
yes
Stainless Steel
MSM 22 CS BL red
1241.7036.1131000
22
10 A
250 VAC
Backlighted, green, 24 VDC
yes
Stainless Steel
MSM 22 CS BL green
1241.7036.1132000
22
10 A
250 VAC
Backlighted, blue, 24 VDC
yes
Stainless Steel
MSM 22 CS BL blue
1241.7036.1134000
22
5 A
250 VAC
Backlighted, red, 24 VDC
yes
Stainless Steel
MSM 22 CS BL red
1241.7036.1181000
22
5 A
250 VAC
Backlighted, green, 24 VDC
yes
Stainless Steel
MSM 22 CS BL green
1241.7036.1182000
22
5 A
250 VAC
Backlighted, blue, 24 VDC
yes
Stainless Steel
MSM 22 CS BL blue
1241.7036.1184000
█
22
10 A
250 VAC
Backlighted, bright red, 24 VDC
yes
Stainless Steel
MSM 22 CS BL bright
red
3-102-446
Legend:
Type: MSM
CS = Ceramic Surface
ST = Standard: not lettered
LE = Lettering: lettered
AI = BL = Full Surface Backlighting: Lettering possible (see Lettering, last 3 digits)
IP 65 degree of protection front side contact area; degree of protection rear side contact area IP 40 or IP 67 optional -> see Technical Data Micro Switch
Backlighting versions: Supply voltage 24 VDC, 12 VDC (E), 5 VDC (B), (further 12 or 5 VDC versions on request)
Customer-specific versions available on request.
Special materials for use in salt and chlorinated environment on request.
The nut with gasket and micro switch are enclosed in the box.
█ Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Packaging unit
10 in box with insert



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com