Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS28F128J3A Datasheet(PDF) 13 Page - Micross Components

Part # AS28F128J3A
Description  NOR Cell Architecture
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS28F128J3A Datasheet(HTML) 13 Page - Micross Components

Back Button AS28F128J3A Datasheet HTML 7Page - Micross Components AS28F128J3A Datasheet HTML 8Page - Micross Components AS28F128J3A Datasheet HTML 9Page - Micross Components AS28F128J3A Datasheet HTML 10Page - Micross Components AS28F128J3A Datasheet HTML 11Page - Micross Components AS28F128J3A Datasheet HTML 12Page - Micross Components AS28F128J3A Datasheet HTML 13Page - Micross Components AS28F128J3A Datasheet HTML 14Page - Micross Components AS28F128J3A Datasheet HTML 15Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PEM
AS28F128J3A
Q-Flash
AS28F128J3A
Rev. 5.8 8/13
Micross Components reserves the right to change products or specifications without notice.
13
Mechanical Diagram
TSOP, Type 1, 56 Pin
(Dimensions in mm)
AS28F128J3MRG
Austin Semiconductor, Inc. reserves the right to change products or modify product specifications with appropriate notification
Revision 5.0 11/23/04
For Additional Products and Information visit out Web site at
www.austinsemiconductor.com
7
PEM
AS28F128J3M
Austin Semiconductor, Inc.
Q-Flash
Mechanical Diagram
TSOP, Type I, 56 Pin
(Dimensions in mm)
20.00 +/- 0.25
18.40 +/- 0.08
0.15 +0.03, -0.02
0.10
1.20 MAX.
0.20 +/- 0.05
0.50 TYP.
SEE DETAIL A
DETAIL A
0.50 +/- 0.10
0.80 TYP.
0.10 + 0.10, -0.05
0.25
0.25 Gage Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com