Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3045 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3045
Description  LM3045/LM3046/LM3086 Transistor Arrays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3045 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3045 Datasheet HTML 1Page - National Semiconductor (TI) LM3045 Datasheet HTML 2Page - National Semiconductor (TI) LM3045 Datasheet HTML 3Page - National Semiconductor (TI) LM3045 Datasheet HTML 4Page - National Semiconductor (TI) LM3045 Datasheet HTML 5Page - National Semiconductor (TI) LM3045 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics (Continued)
Parameter
Conditions
Min
Typ
Max
Units
Low Frequency Noise Figure (NF)
f e 1 kHz VCE e 3V
325
dB
IC e 100 mA RS e 1kX
LOW FREQUENCY SMALL SIGNAL EQUIVALENT CIRCUIT CHARACTERISTICS
Forward Current Transfer Ratio (hfe)f e 1 kHz VCE e 3V
110 (LM3045 LM3046)
IC e 1 mA
(LM3086)
Short Circuit Input Impednace (hie)
35
kX
Open Circuit Output Impedance (hoe)
156
m
mho
Open Circuit Reverse Voltage Transfer Ratio (hre)
1 8x10b4
ADMITTANCE CHARACTERISTICS
Forward Transfer Admittance (Yfe)f e 1 MHz VCE e 3V
31 b j 15
Input Admittance (Yie)
IC e 1mA
03aJ 004
Output Admittance (Yoe)
0001aj 003
Reverse Transfer Admittance (Yre)
See Curve
Gain Bandwidth Product (fT)VCE e 3V IC e 3 mA
300
550
Emitter to Base Capacitance (CEB)VEB e 3V IE e 0
06
pF
Collector to Base Capacitance (CCB)VCB e 3V IC e 0
058
pF
Collector to Substrate Capacitance (CCI)VCS e 3V IC e 0
28
pF
Typical Performance Characteristics
Temperature for Each
Cutoff Current vs Ambient
Typical Collector To Base
Transistor
Temperature for Each
Cutoff Current vs Ambient
Typical Collector To Emitter
Transistor
Beta Ratio for Transistors Q1
and Q2 vs Emitter Current
Current-Transfer Ratio and
Typical Static Forward
TLH7950 – 2
Q1 Q2 vs Collector Current
for Matched Transistor Pair
Typical Input Offset Current
Offset Voltage for Differential
Voltage Characteristic and Input
Typical Static Base To Emitter
Transistors vs Emitter Current
Pair and Paired Isolated
TLH7950 – 3
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com