Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3046 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3046
Description  Transistor Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3046 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3046 Datasheet HTML 1Page - National Semiconductor (TI) LM3046 Datasheet HTML 2Page - National Semiconductor (TI) LM3046 Datasheet HTML 3Page - National Semiconductor (TI) LM3046 Datasheet HTML 4Page - National Semiconductor (TI) LM3046 Datasheet HTML 5Page - National Semiconductor (TI) LM3046 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/
Distributors for availability and specifications. (T
A = 25˚C)
LM3046
Each
Total
Units
Transistor
Package
Power Dissipation:
T
A = 25˚C
300
750
mW
T
A = 25˚C to 55˚C
300
750
mW
T
A > 55˚C
Derate at 6.67
mW/˚C
T
A = 25˚C to 75˚C
mW
T
A > 75˚C
mW/˚C
Collector to Emitter Voltage, V
CEO
15
V
Collector to Base Voltage, V
CBO
20
V
Collector to Substrate Voltage, V
CIO (Note 2)
20
V
Emitter to Base Voltage, V
EBO
5V
Collector Current, I
C
50
mA
Operating Temperature Range
−40˚C to +85˚C
Storage Temperature Range
−65˚C to +85˚C
Soldering Information
Dual-In-Line Package Soldering (10 Sec.)
260˚C
Small Outline Package
Vapor Phase (60 Seconds)
215˚C
Infrared (15 Seconds)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount de-
vices.
Electrical Characteristics
(T
A = 25˚C unless otherwise specified)
Parameter
Conditions
Limits
Units
Min
Typ
Max
Collector to Base Breakdown Voltage (V
(BR)CBO)IC = 10 µA, IE = 020
60
V
Collector to Emitter Breakdown Voltage (V
(BR)CEO)IC = 1 mA, IB = 015
24
V
Collector to Substrate Breakdown
I
C = 10 µA, ICI = 020
60
V
Voltage (V
(BR)CIO)
Emitter to Base Breakdown Voltage (V
(BR)EBO)IE 10 µA, IC = 05
7
V
Collector Cutoff Current (I
CBO)VCB = 10V, IE = 0
0.002
40
nA
Collector Cutoff Current (I
CEO)VCE = 10V, IB = 0
0.5
µA
Static Forward Current Transfer
V
CE = 3V
I
C = 10 mA
100
Ratio (Static Beta) (h
FE)IC = 1 mA
40
100
I
C = 10 µA
54
Input Offset Current for Matched
V
CE = 3V, IC = 1 mA
0.3
2
µA
Pair Q
1 and Q2 |IO1 −IIO2|
Base to Emitter Voltage (V
BE)VCE = 3V
I
E = 1 mA
0.715
V
I
E = 10 mA
0.800
Magnitude of Input Offset Voltage for
V
CE = 3V, IC = 1 mA
0.45
5
mV
Differential Pair |V
BE1 −VBE2|
Magnitude of Input Offset Voltage for Isolated
Transistors |V
BE3 −VBE4|, |VBE4 −VBE5|,
|V
BE5 −VBE3|
V
CE = 3V, IC = 1 mA
0.45
5
mV
Temperature Coefficient of Base to
Emitter Voltage
V
CE = 3V, IC = 1 mA
−1.9
mV/˚C
Collector to Emitter Saturation Voltage (V
CE(SAT))IB = 1 mA, IC = 10 mA
0.23
V
www.national.com
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com