Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6413621W12VB Datasheet(PDF) 3 Page - OSRAM GmbH

Part # 6413621W12VB
Description  Original spare parts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

6413621W12VB Datasheet(HTML) 3 Page - OSRAM GmbH

  6413621W12VB Datasheet HTML 1Page - OSRAM GmbH 6413621W12VB Datasheet HTML 2Page - OSRAM GmbH 6413621W12VB Datasheet HTML 3Page - OSRAM GmbH 6413621W12VB Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Country specific categorizations
Order reference
64136 21W 12V B
Country specific information
Product code
METEL code
SEG-No.
STK-Number
UK Org
4008321095190
OSRA64136
-
-
-
Product datasheet
__
December 12, 2016, 09:55:29
© 2016, OSRAM GmbH. All rights reserved.
64136
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com