Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWCBLPM4.EN-MZNX-R Datasheet(PDF) 9 Page - OSRAM GmbH

Part # CWCBLPM4.EN-MZNX-R
Description  SMD ceramic package with silicone
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CWCBLPM4.EN-MZNX-R Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button CWCBLPM4.EN-MZNX-R Datasheet HTML 5Page - OSRAM GmbH CWCBLPM4.EN-MZNX-R Datasheet HTML 6Page - OSRAM GmbH CWCBLPM4.EN-MZNX-R Datasheet HTML 7Page - OSRAM GmbH CWCBLPM4.EN-MZNX-R Datasheet HTML 8Page - OSRAM GmbH CWCBLPM4.EN-MZNX-R Datasheet HTML 9Page - OSRAM GmbH CWCBLPM4.EN-MZNX-R Datasheet HTML 10Page - OSRAM GmbH CWCBLPM4.EN-MZNX-R Datasheet HTML 11Page - OSRAM GmbH CWCBLPM4.EN-MZNX-R Datasheet HTML 12Page - OSRAM GmbH CWCBLPM4.EN-MZNX-R Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.0
CW CBLPM4.EN
2016-03-14
9
Forward Current 8) page 22 , 9) page 22
Durchlassstrom 8) Seite 22 , 9) Seite 22
IF = f (VF); TJ = 25 °C
Relative Luminous Flux 8) page 22 , 9) page 22
Relativer Lichtstrom 8) Seite 22 , 9) Seite 22
ΦVV(1000 mA) = f(IF); TJ = 25 °C
Chromaticity Coordinate Shift 8) page 22
Farbortverschiebung 8) Seite 22
ΔCx, ΔCy = f(IF); TJ = 25 °C
CW CBLPM4.EN
2.5 2.6
2.8
3.0
3.2
3.4
VF [V]
30
200
400
600
800
1000
1200
1400
1600
1800
2000
IF [mA]
CW CBLPM4.EN
30
40
0
80
0
12
00
16
00
20
00
IF [mA]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Φ
V
Φ
V(1000mA)
CW CBLPM4.EN
30
40
0
80
0
12
00
16
00
20
00
IF [mA]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
:
Cx
:
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com