Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWCBLPM4.PU-NXNY-HL Datasheet(PDF) 9 Page - OSRAM GmbH

Part # CWCBLPM4.PU-NXNY-HL
Description  SMD ceramic package with silicone
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CWCBLPM4.PU-NXNY-HL Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button CWCBLPM4.PU-NXNY-HL Datasheet HTML 5Page - OSRAM GmbH CWCBLPM4.PU-NXNY-HL Datasheet HTML 6Page - OSRAM GmbH CWCBLPM4.PU-NXNY-HL Datasheet HTML 7Page - OSRAM GmbH CWCBLPM4.PU-NXNY-HL Datasheet HTML 8Page - OSRAM GmbH CWCBLPM4.PU-NXNY-HL Datasheet HTML 9Page - OSRAM GmbH CWCBLPM4.PU-NXNY-HL Datasheet HTML 10Page - OSRAM GmbH CWCBLPM4.PU-NXNY-HL Datasheet HTML 11Page - OSRAM GmbH CWCBLPM4.PU-NXNY-HL Datasheet HTML 12Page - OSRAM GmbH CWCBLPM4.PU-NXNY-HL Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.0
CW CBLPM4.PU
2015-10-27
9
Forward Current 7) page 21 , 8) page 21
Durchlassstrom 7) Seite 21 , 8) Seite 21
IF = f (VF); TJ = 25 °C
Relative Luminous Flux 7) page 21 , 8) page 21
Relativer Lichtstrom 7) Seite 21 , 8) Seite 21
ΦVV(1000 mA) = f(IF); TJ = 25 °C
Chromaticity Coordinate Shift 7) page 21
Farbortverschiebung 7) Seite 21
Cx, Cy = f(IF); TJ = 25 °C
CW CBLPM4.PU
2.5 2.6
2.8
3.0
3.2
3.4
VF [V]
0
500
1000
1500
2000
IF [mA]
CW CBLPM4.PU
0
50
0
10
00
15
00
20
00
IF [mA]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Φ
V
Φ
V(1000mA)
CW CBLPM4.PU
0
50
0
10
00
15
00
20
00
IF [mA]
0.32
0.33
0.34
0.35
0.36
0.37
Cx
Cy
: Cx -
: Cy -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com