Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS805B1 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLS805B1
Description  Ultra Low Quiescent Current Linear Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS805B1 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLS805B1 Datasheet HTML 17Page - Infineon Technologies AG TLS805B1 Datasheet HTML 18Page - Infineon Technologies AG TLS805B1 Datasheet HTML 19Page - Infineon Technologies AG TLS805B1 Datasheet HTML 20Page - Infineon Technologies AG TLS805B1 Datasheet HTML 21Page - Infineon Technologies AG TLS805B1 Datasheet HTML 22Page - Infineon Technologies AG TLS805B1 Datasheet HTML 23Page - Infineon Technologies AG TLS805B1 Datasheet HTML 24Page - Infineon Technologies AG TLS805B1 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Data Sheet
21
Rev. 1.2 2016-01-11
TLS805B1SJ/LDV
Application Information
6.2.2
Output Pin
An output capacitor is mandatory for the stability of linear voltage regulators.
The requirement to the output capacitor is given in “Functional Range” on Page 9. The graph “Output
Capacitor Series Resistor ESR(CQ) versus Output Current IQ” on Page 15 shows the stable operation range
of the device.
TLS805B1 is designed to be stable with extremely low ESR capacitors. According to the automotive
environment, ceramic capacitors with X5R or X7R dielectrics are recommended.
The output capacitor should be placed as close as possible to the regulator’s output and GND pins and on the
same side of the PCB as the regulator itself.
In case of rapid transients of input voltage or load current, the capacitance should be dimensioned in
accordance and verified in the real application that the output stability requirements are fulfilled.
6.3
Output Voltage Adjust
The output voltage of TLS805B1SJ/LDV can be adjusted between 1.2 V and VI - Vdr by an external resistor
divider, connected to the adjust pin ADJ, as shown in Figure 7.
The pin ADJ is connected to the error amplifier comparing the voltage at this pin with the internal reference
voltage of typically 1.2 V.
The output voltage can be easily calculated, neglecting the current flowing into the ADJ pin:
(6.1)
with
• Vref: internal reference voltage, typically 1.2V
• R1: resistor between regulator output Q and adjust pin ADJ
• R2: resistor between adjust pin ADJ and GND
The bigger the resistors R1 and R2, the less the current flowing through the resistor divider. However, using too
big resistors makes the current flowing into the ADJ pin non-negligible. In oder to neglect the current flowing
into the ADJ pin, the values of R1 and R2 should be selected fulfilling the criteria R2 ≤ 250 kΩ.
To set the output voltage to 1.2 V, the adjust pin ADJ should be directly connected to the output pin Q.
Take into consideration that an additional error to the output voltage tolerance may be introduced by the
accuracy of the resistors R1 and R2.
6.4
Thermal Considerations
Knowing the input voltage, the output voltage and the load profile of the application, the total power
dissipation can be calculated:
(6.2)
with
• PD: continuous power dissipation
• VI: input voltage
• VQ: output voltage
VQ
R1 R2
+
R2
------------------- V
ref
×
=
PD
VI VQ
–
() I
Q
VI Iq
×
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com