Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3080 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3080
Description  Operational Transconductance Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3080 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3080 Datasheet HTML 1Page - National Semiconductor (TI) LM3080 Datasheet HTML 2Page - National Semiconductor (TI) LM3080 Datasheet HTML 3Page - National Semiconductor (TI) LM3080 Datasheet HTML 4Page - National Semiconductor (TI) LM3080 Datasheet HTML 5Page - National Semiconductor (TI) LM3080 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (Note 2)
LM3080
g
18V
LM3080A
g
22V
Power Dissipation
250 mW
Differential Input Voltage
g
5V
Amplifier Bias Current (IABC)2 mA
DC Input Voltage
a
VS to bVS
Output Short Circuit Duration
Indefinite
Operating Temperature Range
LM3080N or LM3080AN
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
260 C
Electrical Characteristics (Note 1)
Parameter
Conditions
LM3080
LM3080A
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
04
5
04
2
mV
Over Specified Temperature Range
6
5
mV
IABC e 5 mA
03
03
2
mV
Input Offset Voltage Change
5 mA s IABC s 500 mA
01
01
3
mV
Input Offset Current
01
06
01
06
m
A
Input Bias Current
04
5
04
5
m
A
Over Specified Temperature Range
1
7
1
8
m
A
Forward Transconductance (gm)
6700
9600
13000
7700
9600
12000
m
mho
Over Specified Temperature Range
5400
4000
m
mho
Peak Output Current
RL e 0 IABC e 5 mA5
3
5
7
m
A
RL e 0
350
500
650
350
500
650
m
A
RL e 0
300
300
m
A
Over Specified Temperature Range
Peak Output Voltage
Positive
RL e % 5 mA s IABC s 500 mA
a
12
a
142
a
12
a
142
V
Negative
RL e % 5 mA s IABC s 500 mA
b
12
b
144
b
12
b
144
V
Amplifier Supply Current
11
11
mA
Input Offset Voltage Sensitivity
Positive
D
VOFFSET DVa
20
150
20
150
m
VV
Negative
D
VOFFSET DVb
20
150
20
150
m
VV
Common Mode Rejection Ratio
80
110
80
110
dB
Common Mode Range
g
12
g
14
g
12
g
14
V
Input Resistance
10
26
10
26
kX
Magnitude of Leakage Current
IABC e 0
02
100
02
5
nA
Differential Input Current
IABC e 0 Input e g4V
002
100
002
5
nA
Open Loop Bandwidth
2
2
MHz
Slew Rate
Unity Gain Compensated
50
50
V ms
Note 1
These specifications apply for VS e g15V and TA e 25 C amplifier bias current (IABC) e 500 mA unless otherwise specified
Note 2
Selection to supply voltage above g22V contact the factory
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com