Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2504 Datasheet(PDF) 30 Page - Microchip Technology

Part # USB2504
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2504 Datasheet(HTML) 30 Page - Microchip Technology

Back Button USB2504 Datasheet HTML 26Page - Microchip Technology USB2504 Datasheet HTML 27Page - Microchip Technology USB2504 Datasheet HTML 28Page - Microchip Technology USB2504 Datasheet HTML 29Page - Microchip Technology USB2504 Datasheet HTML 30Page - Microchip Technology USB2504 Datasheet HTML 31Page - Microchip Technology USB2504 Datasheet HTML 32Page - Microchip Technology USB2504 Datasheet HTML 33Page - Microchip Technology USB2504 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
USB2504/USB2504A
DS000002250A-page 30
 2007 - 2016 Microchip Technology Inc.
6.0
BACKWARD COMPATIBILITY TO THE USB20H04
The USB2504/USB2504A is pin compatible to the USB20H04, but is not designed to be a direct drop-in replacement.
Many existing USB20H04 designs may accommodate a USB2504/USB2504A in place of the USB20H04, as long as
specific Bill-Of-Material (BOM) modifications and population option changes are implemented. Since each design is
unique, every customer considering a change from a USB20H04 to a USB2504/USB2504A should contact Microchip
Applications Engineering for assistance.
6.1
Internal 1.8V regulator
The USB2504/USB2504A has two internal 1.8V regulators that are enabled by default (ATEST pin contains an internal
pull-up, and was specified as a No-Connect in the USB20H04 Data Sheet). Each regulator requires a separate 4.7uF
Low ESR capacitor to ground. The USB20H04 designs that directly connect the Digital and Analog 1.8V pins together
will not support a USB2504/USB2504A (unless the internal regulators are disabled).
6.2
Configuration by Internal Defaults
The internal default settings that are loaded when this option is selected are very similar (but not identical) to those that
were loaded in the USB20H04. The CFG_SEL[2:0] pins will properly select this method if the existing USB20H04 design
was set-up to load the configuration via internal defaults.
The USB2504/USB2504A has pin strapping options that enable modification of the internal default load without requir-
ing an EEPROM. The CFG_SEL2 pin (pin 59) on the USB2504/USB2504A was a VSS pin on the USB20H04 so this
functionality will be disabled when a USB2504/USB2504A is placed into a USB20H04 design.
6.3
Configuration by SMBus
The CFG_SEL[2:0] pins will properly select this method if the existing USB20H04 design was set-up to load the config-
uration via SMBus. The USB2504/USB2504A has a few additional registers, and has also moved some of the configu-
ration bits so the actual SMBus code load itself will need to be modified. If a USB20H04 SMBus load is programmed
into a USB2504/USB2504A, the results are unpredictable.
6.4
PRTPWR_POL
The USB2504/USB2504A has a new strapping option that enables the port power control active state to be either active-
high or active-low. The USB20H04 only provided active-low port power control. The PRTPWR_POL pin on the
USB2504/USB2504A is pin 23, which was a VSS pin on the USB20H04, so by default, a USB20H04 design will select
active-low port port control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com