Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2504A Datasheet(PDF) 13 Page - Microchip Technology

Part # USB2504A
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2504A Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB2504A Datasheet HTML 9Page - Microchip Technology USB2504A Datasheet HTML 10Page - Microchip Technology USB2504A Datasheet HTML 11Page - Microchip Technology USB2504A Datasheet HTML 12Page - Microchip Technology USB2504A Datasheet HTML 13Page - Microchip Technology USB2504A Datasheet HTML 14Page - Microchip Technology USB2504A Datasheet HTML 15Page - Microchip Technology USB2504A Datasheet HTML 16Page - Microchip Technology USB2504A Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
 2007 - 2016 Microchip Technology Inc.
DS000002250A-page 13
USB2504/USB2504A
5.1.1.7
Multiple-TT Support
Selects between a mode where only one transaction translator is available for all ports (Single-TT), or each port gets a
dedicated transaction translator (Multi-TT) {Note: The host may force Single-TT mode only}.
This field is set by the OEM using either the SMBus or EEPROM interface options. When using the internal default
option, the MTT_EN pin enables/disables MTT support.
5.1.1.8
EOP Disable
During FS operation only, this permits the Hub to send EOP if no downstream traffic is detected at EOF1. See Section
11.3.1 of the USB 2.0 Specification for additional details.
This field is set by the OEM using either the SMBus or EEPROM interface options.
5.1.1.9
Current Sensing
Selects current sensing on a port-by-port basis, all ports ganged, or none(only for bus-powered hubs)The ability to sup-
port current sensing on a port or ganged basis is hardware implementation dependent.
This field can be set by the OEM using either the SMBus or EEPROM interface options.When using the internal default
option, the SELF_PWR pin determines if current sensing will be ganged, or none (ganged if self-powered, none if bus-
powered).
5.1.1.10
Downstream Port Power Enabling
Enables all ports simultaneously (ganged), or port power is individually switched on and off on a port-by-port basis. The
ability to support power enabling on a port or ganged basis is hardware implementation dependent.
This field is set by the OEM using either the SMBus or EEPROM interface options. When using the internal default
option, the GANG_EN pin will configure the hub for ganged or individual port-by-port port power switching.
5.1.1.11
Compound Device
Allows the OEM to indicate that the Hub is part of a compound (see the USB Specification for definition) device. The
applicable port(s) must also be defined as having a “Non-Removable Device”.
This field is set by the OEM using either the SMBus or EEPROM interface options.
Note: When configured via strapping options, declaring a port as non-removable automatically causes the hub controller
to report that it is part of a compound device.
5.1.1.12
Non-Removable Device
Informs the Host if one of the active ports has a permanent device that is undetachable from the Hub. (Note: The device
must provide its own descriptor data.)
This field is set by the OEM using either the SMBus or EEPROM interface options. When using the internal default
option, the NON_REM[1:0] pins will designate the appropriate ports as being non-removable.
5.1.1.13
Self-Powered Port DISABLE
During Self-Powered operation, this selects the ports which will be permanently disabled, and are not available to be
enabled or enumerated by a Host Controller. The disabled ports must be contiguous, and must be in decreasing order
starting with port 4.
This field is set by the OEM using either the SMBus or EEPROM interface options. When using the internal default
option, the PRT_DIS[1:0] pins will disable the appropriate ports.
5.1.1.14
Bus-Powered Port DISABLE
During Bus-Powered operation, this selects the ports which will be permanently disabled, and are not available to be
enabled or enumerated by a Host Controller. The disabled ports must be contiguous, and must be in decreasing order
starting with port 4.
This field is set by the OEM using either the SMBus or EEPROM interface options. When using the internal default
option, the PRT_DIS[1:0] pins will disable the appropriate ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com