Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB224X Datasheet(PDF) 41 Page - Microchip Technology

Part # USB224X
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB224X Datasheet(HTML) 41 Page - Microchip Technology

Back Button USB224X Datasheet HTML 35Page - Microchip Technology USB224X Datasheet HTML 36Page - Microchip Technology USB224X Datasheet HTML 37Page - Microchip Technology USB224X Datasheet HTML 38Page - Microchip Technology USB224X Datasheet HTML 39Page - Microchip Technology USB224X Datasheet HTML 40Page - Microchip Technology USB224X Datasheet HTML 41Page - Microchip Technology USB224X Datasheet HTML 42Page - Microchip Technology USB224X Datasheet HTML 43Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001979A-page 41
USB224X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
USB2240, USB2240I, USB2241, USB2241I,
USB2244, USB2244I
Temperature
Range:
Blank
= 0
°C to +70°C (Extended Commercial)
I= -40
°C to +85°C (Industrial)
Package:
AEZG
= 36-pin QFN
Tape and Reel
Option:
Blank
= Standard packaging (tray)
TR
= Tape and Reel (1)
Note
1:
Tape and Reel identifier only appears in the catalog part number descrip-
tion. This identifier is used for ordering purposes and is not printed on the
device package. Check with your Microchip Sales Office for package
availability with the Tape and Reel option. Reel size is 3,000.
PART NO.
[X]
XXX
Package
Temperature
Range
Device
[X]
-
[X]
Internal Microchip Tape & Reel
Code
Option
-
-
Examples:
a)
USB2240-AEZG-06 36-pin QFN RoHS Compli-
ant pkg, Commercial Temp, Tray
b)
USB2240-AEZG-05 36-pin QFN RoHS Compli-
ant pkg, Commercial Temp, Tray
c)
USB2241-AEZG-06 36-pin QFN RoHS Compli-
ant pkg, Commercial Temp, Tray
d)
USB2241-AEZG-05 36-pin QFN RoHS Compli-
ant pkg, Commercial Temp, Tray
e)
USB2244-AEZG-06 36-pin QFN RoHS Compli-
ant pkg, Commercial Temp, Tray
f)
USB2244-AEZG-06-CA1 36-pin QFN RoHS
Compliant pkg, Commercial Temp, Tray
g)
USB2240I-AEZG-06 36-pin QFN RoHS Compli-
ant pkg, Industrial Temp, Tray
h)
USB2241I-AEZG-06 36-pin QFN RoHS Compli-
ant pkg, Industrial Temp, Tray
i)
USB2241I-AEZG-06 36-pin QFN RoHS Compli-
ant pkg, Industrial Temp, Tray
j)
USB2240-AEZG-06-TR
36-pin
QFN
RoHS
Compliant pkg, Commercial Temp, Tape & Reel
k)
USB2244I-AEZG-06-TR
36-pin
QFN
RoHS
Compliant pkg, Industrial Temp, Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com