Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11LF04 Datasheet(PDF) 13 Page - Microchip Technology

Part # SST11LF04
Description  4.9-5.9 GHz High-Linearity, High-Efficiency Front-end Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11LF04 Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST11LF04 Datasheet HTML 9Page - Microchip Technology SST11LF04 Datasheet HTML 10Page - Microchip Technology SST11LF04 Datasheet HTML 11Page - Microchip Technology SST11LF04 Datasheet HTML 12Page - Microchip Technology SST11LF04 Datasheet HTML 13Page - Microchip Technology SST11LF04 Datasheet HTML 14Page - Microchip Technology SST11LF04 Datasheet HTML 15Page - Microchip Technology SST11LF04 Datasheet HTML 16Page - Microchip Technology SST11LF04 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
 2014 Microchip Technology Inc.
DS70005081B-page 13
SST11LF04
7.0
PACKAGE INFORMATION
Note:
The topside Pin #1 indicator can either be a circle or a bar.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-14017A Sheet 1 of 1
16-Lead Super-Thin Quad Flatpack No-Leads (Q3CE/F) - 2.5x2.5 mm Body [X2QFN]
16-x2qfn-2.5x2.5-Q3C-2.0
Note:
From the bottom view, the pin #1 indicator may be either a 45-degree chamfer or a half-circle notch.
2. The topside pin #1 indicator is laser engraved; its approximate shape and location is as shown.
3. The external paddle is electrically connected to the die back-side and to VSS.
This paddle must be soldered to the PC board; it is required to connect this paddle to the VSS of the unit.
Connection of this paddle to any other voltage potential will result in shorts and electrical malfunction of the device.
4. Untoleranced dimensions are nominal target dimensions.
5. All linear dimensions are in millimeters (max/min).
1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com