Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2244II-AEZG Datasheet(PDF) 21 Page - Microchip Technology

Part # USB2244II-AEZG
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2244II-AEZG Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB2244II-AEZG Datasheet HTML 17Page - Microchip Technology USB2244II-AEZG Datasheet HTML 18Page - Microchip Technology USB2244II-AEZG Datasheet HTML 19Page - Microchip Technology USB2244II-AEZG Datasheet HTML 20Page - Microchip Technology USB2244II-AEZG Datasheet HTML 21Page - Microchip Technology USB2244II-AEZG Datasheet HTML 22Page - Microchip Technology USB2244II-AEZG Datasheet HTML 23Page - Microchip Technology USB2244II-AEZG Datasheet HTML 24Page - Microchip Technology USB2244II-AEZG Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001979A-page 21
USB224X
7.2.3.7
1Fh: USB Language Identifier Descriptor Type
7.2.3.8
20h: USB Language Identifier Least Significant Byte
7.2.3.9
21h: USB Language Identifier Most Significant Byte
7.2.3.10
22h: USB Manufacturer String Descriptor Length
7.2.3.11
23h: USB Manufacturer String Descriptor Type
7.2.3.12
24h-31h: USB Manufacturer String Option
7.2.3.13
32h-5Dh: Reserved
7.2.3.14
5Eh: USB Product String Descriptor Length
Byte
Name
Description
1
USB_LANG_TYP
USB language ID string descriptor type as defined by Section 9.6.7 “String” of
the USB 2.0 Specification (Revision 2.0, 2000). This field is the
“bDescriptorType” which is a constant value associated with a string descriptor
type.
Byte
Name
Description
2
USB_LANG_ID
_LSB
English language code = ‘0409’. See Note 7-2 to reference additional language
ID’s defined by the USB-IF.
Byte
Name
Description
3
USB_LANG_ID
_MSB
English language code = ‘0409’. See Note 7-2 to reference additional language
ID’s defined by the USB-IF.
Byte
Name
Description
0
USB_MFR_STR
_LEN
USB manufacturer string descriptor length as defined by Section 9.6.7 “String”
of the USB 2.0 Specification (Revision 2.0, 2000). This field is the “bLength”
which describes the size of the string descriptor (in bytes).
Byte
Name
Description
1
USB_MFR_STR
_TYP
USB manufacturer string descriptor type as defined by Section 9.6.7 “String” of
the USB 2.0 Specification (Revision 2.0, 2000). This field is the
“bDescriptorType” which is a constant value associated with a string descriptor
type.
Byte
Name
Description
15:2
USB_MFR_STR
The maximum string length is 29 characters.
Byte
Name
Description
59:16
Reserved
Reserved.
Byte
Name
Description
0
USB_PRD_STR
_LEN
USB product string descriptor length as defined by Section 9.6.7 “String” of the
USB 2.0 Specification (Revision 2.0, 2000). This field is the “bLength” which
describes the size of the string descriptor (in bytes). Maximum string length is
29 characters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com