Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1202 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SD1202
Description  Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1202 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD1202 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1202 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Darlington Power Transistor
2SD1202
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 50mA; IB= 0
400
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 7A; IB= 70mA
1.6
V
V CE(sat)-2
Collector-Emitter Saturation Voltage
IC= 8 A; IB= 100mA
1.8
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 8 A; IB= 100mA
2.2
V
ICES
Collector Cutoff Current
VCE= 500V;VBE= 0
VCE= 500V;VBE= 0;Tj= 125℃
1.0
5.0
mA
ICEO
Collector Cutoff Current
VCE= 400V;IB= 0
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 7V; IC= 0
20
mA
hFE-1
DC Current Gain
IC= 5A; VCE= 3V
750
hFE-2
DC Current Gain
IC= 10A; VCE= 3V
100
VECF
C-E Diode Forward Voltage
IF= 10A
2.8
V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com