Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1237 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD1237
Description  Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1237 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD1237 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1237 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistors
2SD1237
DESCRIPTION
·
Low Collector Saturation Voltage
: VCE(sat)= 0.4V(Max)@ IC= 4A
·
Large Current Capacity
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for relay drivers, high-speed inverters,converters,
and other general high-current switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
120
V
VCEO
Collector-Emitter Voltage
120
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
7
A
ICP
Collector Current-Pulse
12
A
PC
Collector Power Dissipation
@ Ta=25℃
1.75
W
Collector Power Dissipation
@ TC=25℃
40
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SD1237

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1237L SANYO-2SD1237L Datasheet
120Kb / 4P
80V/7A Switching Applications
logo
Inchange Semiconductor ...
2SD1237L ISC-2SD1237L Datasheet
121Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1237L SAVANTIC-2SD1237L Datasheet
162Kb / 4P
Silicon NPN Power Transistors
2SD1237L SAVANTIC-2SD1237L Datasheet
163Kb / 4P
Silicon NPN Power Transistors
logo
Foshan Blue Rocket Elec...
2SD1237L FOSHAN-2SD1237L Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
More results

Similar Description - 2SD1237

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com