Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1288 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SD1288
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1288 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD1288 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1288 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
2SD1288
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCE(sat)NOTE Collector-Emitter Saturation Voltage
IC= 4A; IB= 0.4A
0.5
1.5
V
VBE(sat)NOTE Base-Emitter Saturation Voltage
IC= 4A; IB= 0.4A
1.25
2.0
V
ICBO
Collector Base Cutoff Current
VCB=120V; IE= 0
50
uA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
50
uA
hFE -1NOTE
DC Current Gain
IC= 50mA ; VCE= 5V
40
hFE -2NOTE
DC Current Gain
IC= 1A ; VCE= 5V
60
320
fT
Current-Gain—Bandwidth Product
IC= 1A; VCE= 5V
55
MHz
COB
Output Capacitance
IE= 0 ; VCB= 10V,ftest= 1MHz
85
pF
NOTE:Pulse test PW≤350us,duty cycle ≤2%
hFE1 Classifications
R
Q
P
60-120
100-200 160-320



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com