Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL130-07OC Datasheet(PDF) 2 Page - Microchip Technology

Part # PL130-07OC
Description  High Speed Translator Buffer to LVCMOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL130-07OC Datasheet(HTML) 2 Page - Microchip Technology

  PL130-07OC Datasheet HTML 1Page - Microchip Technology PL130-07OC Datasheet HTML 2Page - Microchip Technology PL130-07OC Datasheet HTML 3Page - Microchip Technology PL130-07OC Datasheet HTML 4Page - Microchip Technology PL130-07OC Datasheet HTML 5Page - Microchip Technology PL130-07OC Datasheet HTML 6Page - Microchip Technology PL130-07OC Datasheet HTML 7Page - Microchip Technology PL130-07OC Datasheet HTML 8Page - Microchip Technology PL130-07OC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PL130-07
DS20005598A-page 2
 2016 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VDD) ...............................................................................................................................................+4.6V
Input Voltage (DC).............................................................................................................................–0.5V to VDD + 0.5V
Output Voltage (DC) ..........................................................................................................................–0.5V to VDD + 0.5V
HBM ESD Rating........................................................................................................................................................2 kV
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com