Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL610-01WC Datasheet(PDF) 9 Page - Microchip Technology

Part # PL610-01WC
Description  1.8V to 3.3V Single IC XO with Frequency Tuning (10 MHz to 130 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL610-01WC Datasheet(HTML) 9 Page - Microchip Technology

Back Button PL610-01WC Datasheet HTML 5Page - Microchip Technology PL610-01WC Datasheet HTML 6Page - Microchip Technology PL610-01WC Datasheet HTML 7Page - Microchip Technology PL610-01WC Datasheet HTML 8Page - Microchip Technology PL610-01WC Datasheet HTML 9Page - Microchip Technology PL610-01WC Datasheet HTML 10Page - Microchip Technology PL610-01WC Datasheet HTML 11Page - Microchip Technology PL610-01WC Datasheet HTML 12Page - Microchip Technology PL610-01WC Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005616A-page 9
PL610-01/-02/-03
3.0
MEASUREMENT TEST
CIRCUITS (MTC)
FIGURE 3-1:
MTC-1: Rise Time, Fall
Time, Duty Cycle, VOL, VOH, IDD, Power Down
Current, Output Enable/Disable.
FIGURE 3-2:
MTC-2: Output Drive
Current and Output Impedance.
FIGURE 3-3:
MTC-3: Jitter and Phase
Noise.
FIGURE 3-4:
MTC-4: Negative
Resistance.
XIN
VDD
XOUT
GND
CLK
OE^
FET
Probe
CL
A
0.1μF
XOUT
XIN
OE^
Probe
FET
CLK
VDD
GND
0.1μF
0.1μF V
R
XOUT
OE^
GND
0.1μF
XIN
CLK
VDD
0.1μF
XIN
OE^
XOUT
CLK
GND
VDD
0.1μF
Network
Analyzer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com