Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL130-07AQI-R Datasheet(PDF) 6 Page - Microchip Technology

Part # PL130-07AQI-R
Description  High Speed Translator Buffer to LVCMOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL130-07AQI-R Datasheet(HTML) 6 Page - Microchip Technology

Back Button PL130-07AQI-R Datasheet HTML 2Page - Microchip Technology PL130-07AQI-R Datasheet HTML 3Page - Microchip Technology PL130-07AQI-R Datasheet HTML 4Page - Microchip Technology PL130-07AQI-R Datasheet HTML 5Page - Microchip Technology PL130-07AQI-R Datasheet HTML 6Page - Microchip Technology PL130-07AQI-R Datasheet HTML 7Page - Microchip Technology PL130-07AQI-R Datasheet HTML 8Page - Microchip Technology PL130-07AQI-R Datasheet HTML 9Page - Microchip Technology PL130-07AQI-R Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PL130-07
DS20005598A-page 6
 2016 Microchip Technology Inc.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Name
SOIC-8L
TSSOP-8L
QFN-16L
Type
Description
GND
1, 3, 6
3
1, 2, 4, 5,
9, 14, 15
P
Ground.
VDD
4, 7
1, 7
7, 10,
11, 12
P
Power supply.
DRV_SEL
8
2
13
I
Drive Select input: ‘1’ for standard drive,
‘0’ for high drive output. Internal pull-up
(default is ‘1’).
CLK_IN
2
5
3
I
Clock input signal. The frequency of this
signal will be reproduced at the output
(after translation to CMOS level).
CLK_OUT
5
8
8
O
CMOS clock output.
OE
N/A
4
16
I
Output Enable. See Table 2-2.
TABLE 2-2:
OE LOGIC TABLE
Part Number
OE State
Output Buffer State
PL130-07
0
Tri-State
1 (default)
Active
PL130-07A
0 (default)
Active
1Tri-State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com