Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2201 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZIOL2201
Description  Single Channel IO-Link HV Line Driver with Integrated DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZIOL2201 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZIOL2201 Datasheet HTML 1Page - Integrated Device Technology ZIOL2201 Datasheet HTML 2Page - Integrated Device Technology ZIOL2201 Datasheet HTML 3Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Single Channel IO-Link HV Line Driver
with Integrated DC/DC Converter
ZIOL2201
Feature Sheet
© 2016 Integrated Device Technology, Inc.
2
January 26, 2016
Typical Applications
ZIOL2201 Overview
In field applications, the ZIOL2201
acts as a universal cable driver.
The ZIOL2201 can support IO-Link
communications as a physical-
layer transceiver (PHY) for IO-Link
devices.
Common applications:
• 24V line driver/level shifter
• IO-Link-compliant devices
See the ZIOL2xxx IC Family Data Sheet
for detailed technical information.
Application Side
Low Voltage (LV) Signals
Power
Supply
Single channel
transceiver
COM
Control
Application
Circuit
RX/TX
Configuration
Diagnosis
Cable
Power
GND
Ch 0
Cable Side
High Voltage (HV)
Signals
ZIOL2201
Actuator,
Sensor,
or
Interface
to Host
System
Ordering Information
Product Sales Code
Description
Package
ZIOL2201BI1R
Single Channel IO-Link-compliant HV Line Driver, 4x4mm QFN24
13” reel
ZIOL2201BI1W
Single Channel IO-Link-compliant HV Line Driver, 4x4mm QFN24
7” reel
IO-Link Lab Kit V2.0
#3600100858
ZIOL2401 Lab Kit for detailed laboratory evaluation: configurable IC/Communication/Controller
Board, USB cable; software is available for download from www.IDT.com with a free customer
login (see data sheet for details).
ZIOL2401 Starter-Kit
#3600100369
ZIOL2401 Starter Kit for product demonstration: USB stick, extension board, downloadable
software
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com