Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2941C Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2941C
Description  1A Low Dropout Adjustable Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2941C Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2941C Datasheet HTML 2Page - National Semiconductor (TI) LM2941C Datasheet HTML 3Page - National Semiconductor (TI) LM2941C Datasheet HTML 4Page - National Semiconductor (TI) LM2941C Datasheet HTML 5Page - National Semiconductor (TI) LM2941C Datasheet HTML 6Page - National Semiconductor (TI) LM2941C Datasheet HTML 7Page - National Semiconductor (TI) LM2941C Datasheet HTML 8Page - National Semiconductor (TI) LM2941C Datasheet HTML 9Page - National Semiconductor (TI) LM2941C Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Definition of Terms (Continued)
Quiescent Current: That part of the positive input current
that does not contribute to the positive load current. The
regulator ground lead current.
Ripple Rejection: The ratio of the peak-to-peak input ripple
voltage to the peak-to-peak output ripple voltage.
Temperature Stability of V
O: The percentage change in
output voltage for a thermal variation from room temperature
to either temperature extreme.
Typical Applications
5V to 20V Adjustable Regulator
DS008823-3
Note: Using 1k for R1 will ensure that the input bias current error of the adjust pin will be negligible. Do not bypass R1 or R2. This will lead to instabilities.
* Required if regulator is located far from power supply filter.
**COUT must be at least 22 µF to maintain stability. May be increased without bound to maintain regulation during transients. Locate as close as possible to the
regulator. This capacitor must be rated over the same operating temperature range as the regulator and the ESR is critical; see curve.
1A Switch
DS008823-6
*** To assure shutdown, select Resistor R3 to guarantee at least 300 µA of pull-up current when S1 is open. (Assume 2V at the ON/OFF pin.)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com