Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS111C008/883C Datasheet(PDF) 8 Page - Micross Components

Part # AS111C008/883C
Description  Operates from single 5V supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS111C008/883C Datasheet(HTML) 8 Page - Micross Components

Back Button AS111C008/883C Datasheet HTML 4Page - Micross Components AS111C008/883C Datasheet HTML 5Page - Micross Components AS111C008/883C Datasheet HTML 6Page - Micross Components AS111C008/883C Datasheet HTML 7Page - Micross Components AS111C008/883C Datasheet HTML 8Page - Micross Components AS111C008/883C Datasheet HTML 9Page - Micross Components AS111C008/883C Datasheet HTML 10Page - Micross Components AS111C008/883C Datasheet HTML 11Page - Micross Components AS111C008/883C Datasheet HTML 12Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Voltage
Comparator
AS111
Micross Components reserves the right to change products or specifications without notice.
8
AS111
Rev. 1.7 01/10
(continued)
APPLICATION HINTS (CONTINUED)
4. When comparator circuits use input resistors (eg.
sum-
ming resistors), their value and placement are
par-
ticularly important. In all cases the body of the resistor
should be close to the device or socket. In other words
there should be very little lead length or printed-circuit
foil run between comparator and resistor to radiate or pick
up signals. The same applies to capacitors, pots, etc. For
example, if R
S=10 kW, as little as 5 inches of lead between
the resistors and the input pins can result placing resistors
close to the comparator.
5. Since feedback to almost any pin of a comparator can
result in oscillation, the printed-circuit layout should be
engineered thoughtfully. Preferably there should be a
groundplane under the AS111 circuitry, for example, one
side of a double-layer circuit card. Ground foil (or, positive
supply or negative supply foil) should extend between the
output and the inputs, to act as a guard. The foil
con-
nections for the inputs should be as small and compact as
possible, and should be essentially surrounded by ground
foil on all sides, to guard against capacitive
cou-
pling from any high-level signals (such as the output). If
pins 5 and 6 are not used, they should be shorted
to-
gether. If they are connected to a trim-pot, the trim-pot
should be located, at most, a few inches away from the
AS111, and the 0.01 μF capacitor should be installed. If
this capacitor cannot be used, a shielding printed-circuit
foil may be advisable between pins 6 and 7. The power
supply bypass capacitors should be located within a couple
inches of the AS111. (Some other comparators require the
power-supply bypass to be located immediately adjacent
to the comparator.)
6. It is a standard procedure to use hysteresis (positive
feedback) around a comparator, to prevent oscillation, and
to avoid excessive noise on the output because the
com-
parator is a good amplifier for its own noise. In the circuit
of Figure 2, the feedback from the output to the positive
input will cause about 3 mV of hysteresis.
However,
if R
S is larger than 100Ω, such as 50 kΩ, it would not be
reasonable to simply increase the value of the
positive
feedback resistor above 510 k
Ω. The circuit of Figure 3
could be used, but it is rather awkward. See the notes in
paragraph 7 below.
7. When both inputs of the AS111 are connected to ac-
tive signals, or if a high-impedance signal is driving the
positive input of the AS111 so that positive feedback
would be disruptive, the circuit of Figure 1 is ideal. The
positive feedback is to pin 5 (one of the offset adjustment
pins). It is sufficient to cause 1 to 2 mV hysteresis and
sharp
transitions with input triangle waves from a
few Hz to hundreds of kHz. The positive-feedback signal
across the 82
Ω resistor swings 240 mV below the positive
supply. This signal is centered around the nominal voltage
at pin 5, so this feedback does not add to the V
OS of the
comparator. As much as 8 mV of V
OS can be trimmed out,
using the 5 k
Ω pot and 3 kΩ resistor as shown.
8. These application notes apply specifically to the AS111
family of comparators, and are applicable to all high-speed
comparators in general, (with the exception that not all
comparators have trim pins).
NOTE: Pin connections shown are for the TO08 can package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com