Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS111TO08/883C Datasheet(PDF) 4 Page - Micross Components

Part # AS111TO08/883C
Description  Operates from single 5V supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS111TO08/883C Datasheet(HTML) 4 Page - Micross Components

  AS111TO08/883C Datasheet HTML 1Page - Micross Components AS111TO08/883C Datasheet HTML 2Page - Micross Components AS111TO08/883C Datasheet HTML 3Page - Micross Components AS111TO08/883C Datasheet HTML 4Page - Micross Components AS111TO08/883C Datasheet HTML 5Page - Micross Components AS111TO08/883C Datasheet HTML 6Page - Micross Components AS111TO08/883C Datasheet HTML 7Page - Micross Components AS111TO08/883C Datasheet HTML 8Page - Micross Components AS111TO08/883C Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Voltage
Comparator
AS111
Micross Components reserves the right to change products or specifications without notice.
4
AS111
Rev. 1.7 01/10
ELECTRICAL CHARACTERISTICS6
Note 6: These specifications apply for VS=±15V and Ground pin at ground, and -55°C < T
A < +125°C, unless otherwise
stated. The offset voltage, offset current and bias current specifications apply for any supply voltage from a single 5V supply
up to ±15V supplies.
Note 7: The offset voltages and offset currents given are the maximum values required to drive the output within a volt of
either supply with a 1mA load. Thus, these parameters define an error band and take into account the worst-case effects of
voltage gain and R
S.
Note 8: The response time specified (see definitions) is for a 100 mV input step with 5 mV overdrive.
Note 9: This specification gives the range of current which must be drawn from the strobe pin to ensure the output is properly
disabled. Do not short the strobe pin to ground; it should be current driven at 3 to 5 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com