Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASJD1200R045 Datasheet(PDF) 2 Page - Micross Components

Part # ASJD1200R045
Description  Positive Temperature Coeffi cient for Ease of Paralleling
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

ASJD1200R045 Datasheet(HTML) 2 Page - Micross Components

  ASJD1200R045 Datasheet HTML 1Page - Micross Components ASJD1200R045 Datasheet HTML 2Page - Micross Components ASJD1200R045 Datasheet HTML 3Page - Micross Components ASJD1200R045 Datasheet HTML 4Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SiC JFET
ASJD1200R045
ASJD1200R045
Rev. 0.1 06/11
Micross Components reserves the right to change products or specifications without notice.
2
ADVANCE INFORMATION
Min
Typ
Max
Drain Source Blocking Voltage
BVDS
VGS = 15 V, ID = 600 A
1200
V
VDS = 1200 V, VGS = 15 V,
Tj = 25
oC
220
VDS = 1200 V, VGS = 15 V,
Tj = 150
oC
20
400
VGS = 15 V, VDS = 0V
0.1
0.6
VGS = 15 V, VDS = 1200V
0.1
ID = 40 A, VGS = 2 V,
Tj = 25 °C
0.035
0.045
ID = 40 A, VGS = 2 V,
Tj = 100 °C
0.07
Gate Threshold Voltage
VGS(th)
VDS = 1 V, ID = 34mA
6.00
4.00
V
Gate Forward Current
IGFWD
VGS = 2 V
0
mA
RG
f = 1 MHz, drain source shorted
4
RG(on)
VGS >2.7V
0.25
Input Capacitance
Ciss
1340
Output Capacitance
Coss
206
Reverse Transfer Capacitance
Crss
194
Effective Output Capacitance,
energy related
Co(er)
VDS = 0 V to 600 V,
VGS = 0 V
110
Turn On Delay
ton
TBD
Rise Time
tr
TBD
Turn Off Delay
toff
TBD
Fall Time
tf
TBD
Turn On Energy
Eon
TBD
Turn Off Energy
Eoff
TBD
Total Switching Energy
Ets
TBD
Turn On Delay
ton
TBD
Rise Time
tr
TBD
Turn Off Delay
toff
TBD
Fall Time
tf
TBD
Turn On Energy
Eon
TBD
Turn Off Energy
Eoff
TBD
Total Switching Energy
Ets
TBD
Total Gate Charge
Qg
65
Gate Source Charge
Qgs
4
Gate Drain Charge
Qgd
54
VDS = 600 V, ID = 40 A,
Inductive Load, TJ = 150
oC
VDS = 600V, ID = 5 A,
VGS = + 2.5 V
ns
μJ
ns
μJ
nC
Dynamic Characteristics
VDD = 100 V
pF
Switching Characteristics
VDS = 600 V, ID = 40 A,
Inductive Load, TJ = 25
oC
On Characteristics
Drain Source On resistance
Gate Resistance
RDS(on)
Total Gate Reverse Leakage
IGSS
μA
mA
Total Drain Leakage Current
IDSS
Off Characteristics
Value
Unit
Symbol
Parameter
Conditions
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com