| Electronic Components Datasheet Search |
|
679192--2 Datasheet(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
679192--2 Datasheet(HTML) 2 Page - Tyco Electronics |
|
2 / 5 page ![]() 408--4070 Pneumatic Head Assembly 679304--1 Rev D 2 of 5 Tyco Electronics Corporation Figure 2 Pan Head Screws Anvil Die Contact Crimping Chamber Positioned Toward Front of Head Assembly Crimper Die Installing Shouldered Dies Bushings Jaw of Head Assembly Rollers Jaw of Head Assembly 5. Check the die alignment by allowing the jaws to spring shut. If the dies are properly aligned, tighten the die retaining screws. 6. To remove the dies from the head assembly, loosen the pan head screws and slide the dies out of the jaws. B. Pinned Dies (See Figure 3) 1. Open the jaws of the head assembly by squeezing the rollers together. Install the anvil die into the jaw. The die should be oriented so that the chamfers are positioned toward the front of the head assembly and the die markings are facing outward. 2. Insert the bushing into the jaw. Insert the two die retaining pins and the short die retaining screw into the jaw and through the anvil die. Tighten the screw just enough to hold the die in place. 3. Install the crimper die into the jaw as shown in Figure 3. The die should be oriented so that the chamfers are positioned toward the front of the head assembly and the die markings are facing outward. 4. Insert the bushing into the jaw. Insert the two die retaining pins and the long die retaining screw into the jaw and through the crimper die. Tighten the retaining screw just enough to hold the die in place. 5. Check the die alignment by allowing the jaws to spring shut. If the dies are properly aligned, tighten the die retaining screws. 6. Install the locator assembly onto the long retaining screw and secure it with the hex nut. 7. To remove the dies from the jaws, loosen the die retaining screws and slide the dies out of the jaws. 2.2. Head Assembly TO AVOID PERSONAL INJURY, disconnect the pneumatic tooling assembly from the air supply before installing or removing the head assembly. Certain precautions should be taken by the operator to avoid personal injury or damage to the pneumatic tool. Refer to the instruction sheet supplied with the pneumatic tool for operation and safety precautions. 1. Insert the head assembly into the tool holder assembly of the pneumatic tooling assembly as showninFigure1. 2. After the head assembly is properly aligned, insert and tighten the quick pins provided with the pneumatic tooling assembly. Refer to Figure 1. It is recommended using Loctite 242 removable threadlocker or equivalent to prevent the quick pins from loosening. Loctite is a trademark of Henkel Corporation. DANGER NOTE i NOTE i |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |