Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP306MF Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP306MF
Description  RS-422/RS-423 Line Drivers/Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP306MF Datasheet(HTML) 2 Page - Sipex Corporation

  SP306MF Datasheet HTML 1Page - Sipex Corporation SP306MF Datasheet HTML 2Page - Sipex Corporation SP306MF Datasheet HTML 3Page - Sipex Corporation SP306MF Datasheet HTML 4Page - Sipex Corporation SP306MF Datasheet HTML 5Page - Sipex Corporation SP306MF Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
90
SPECIFICATIONS
(T
MIN ≤T A ≤T MAX and nominal supply voltages unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
RS-423 DRIVER
TTL Input Level
V
IL
0
0.8
V
V
IH
2.0
V
High Level Output
+3.0
+6.0
V
R
L = 450Ω, VIN = 0.8V; Note 6
(V
DD – 0.7V)
V
R
L = ∞
Low Level Output
–3.0
–6.0
V
R
L = 450Ω, VIN = 2.0V; Note 6
(V
EE +0.7V)
V
R
L = ∞
Short Circuit Current
±40
mA
V
OUT = 0V; Note 2
Transition Time
720
ns
R
L = 450Ω, CL = 50pF; Note 3
Maximum Transmission Rate
100
kbps
RS-423 RECEIVER
Input Threshold
–200
+200
mV
Common–mode =
±7V; Note 1
Input Impedance
4
k
Ω
R
IN = ±10V
TTL Output Level
V
OL
0.4
V
V
CC =+4.75V, IOUT =+1.6mA
V
OH
2.4
V
V
CC =+4.75V, IOUT =-0.5mA
Maximum Receiving Rate
100
kbps
RS-422 DRIVER
Note 3
TTL Input Level
V
IL
0
0.8
V
V
IH
2.0
V
High Level Output
+2.75
+6
V
I
OH = –20mA
Low Level Output
+1.0
V
I
OL = 20mA
Differential Output
±2.0
V
R
L = 100Ω
±6.0
V
R
L = ∞
Short Circuit Current
±100
mA
Output Current
±500
µA
–0.25V
≤ V
O ≤ 6V; Power off
Transition Time
400
ns
R
L=450Ω, CL=15pF; Note 3
Maximum Transmission Rate
500
kbps
RS-422 RECEIVER
Common Mode Range
±7
V
Note 4
Differential Input
±15
V
Note 4
Differential Input Threshold
–0.2
+0.2
V
T
A=25°C
Input Voltage Hysteresis
30
mV
V
CM=0V;TA=25°C
Input Resistance
3
k
Ω
–7V
≤V
CM≤+7V
TTL Output Level
V
OL
0.4
V
V
CC=+4.75V, IOUT=+1.6mA
V
OH
2.4
V
V
CC=+4.75V, IOUT=–0.5mA
Maximum Receiving Rate
500
kbps
Short Circuit Output Current
±120
mA
V
OUT=0V
POWER REQUIREIMENTS
V
DD = +12V
7
15
mA
All Transmitter outputs R
L=∞
V
CC = +5V
5
7
mA
T
A=25°C
V
EE = –12V
11
20
mA
ENVIRONMENTAL AND MECHANICAL
Operating Temperature
–C
0
+70
°C
–M
–55
+125
°C
Storage Temperature
–65
+150
°C
Package
–C
28–pin SOIC
–F
28–pin Ceramic Flatpack



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com