Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7227 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7227
Description  SINGLE-CHIP AM/FM RADIO WITH FRONT-END
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7227 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7227 Datasheet HTML 1Page - STMicroelectronics TDA7227 Datasheet HTML 2Page - STMicroelectronics TDA7227 Datasheet HTML 3Page - STMicroelectronics TDA7227 Datasheet HTML 4Page - STMicroelectronics TDA7227 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3
2
1
4
3
2
1
4
6
6
3
2
1
4
66
4
3
2
1
L3
T1
T3
T2
Pin 3
V
C.F.
C.F.
VCC
V
CC
CC
VCC
VCC
Pin 20
V.C.
Pin 1
L2
3
1
1
6
L1
7227-04.EPS
COIL DATA
Coil N
o
f
(Hz)
L
(
µH)
CO
(pF)
QO
Turns
Wire
(mm
∅)
Ref. *
1 - 22 - 3
1 - 31 - 4
1 - 6
L1 FM RF
100M
100
2
1
2
0.5 U EW
L2 FM OSC
100M
100
2
3
4
0.5 U EW
L3 AM OSC
796k
288
115
13
73
0.08 UEW
S - 4147 - 1356 - 045
T1 FM MIX
10.7M
75
115
12
1
0.12 UEW
S - 0133 - 309 - 045
T2 AM MIX
455k
180
120
180
15
0.08 UEW
S - 2150 - 2162 - 165
T3 FM DET
10.7M
47
165
16
0.09 UEW
S - 2153 - 4095 - 132
* S : Sumida Electronic CO, Ltd.
TDA7227
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com