Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5510N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP5510N
Description  Full Duplex Analog Front End for Consumer Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP5510N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  TP5510N Datasheet HTML 1Page - National Semiconductor (TI) TP5510N Datasheet HTML 2Page - National Semiconductor (TI) TP5510N Datasheet HTML 3Page - National Semiconductor (TI) TP5510N Datasheet HTML 4Page - National Semiconductor (TI) TP5510N Datasheet HTML 5Page - National Semiconductor (TI) TP5510N Datasheet HTML 6Page - National Semiconductor (TI) TP5510N Datasheet HTML 7Page - National Semiconductor (TI) TP5510N Datasheet HTML 8Page - National Semiconductor (TI) TP5510N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Block Diagram
TLH11186 – 2
FIGURE 1
Pin Description
Symbol
Function
VBB
Negative power supply pin VBB eb5V
g
5%
GNDA
Analog ground All signals are referenced
to this pin
VFDO
Analog output of the receive power ampli-
fier
VCC
Positive power supply pin VCC ea5V
g
5%
Symbol
Function
FSD
Decode frame sync pulse which enables
BCLKR to shift data into DD FSD is an
8 kHz pulse train See
Figures 2 and 3 for
timing details
DD
Decode data input Data is shifted into DD
following the FSD leading edge
BCLKD CLKSEL The bit clock which shifts data into DD af-
ter the FSD leading edge May vary from
64 kHz to 2048 MHz Alternatively may
be a logic input which selects either
1536 MHz1544 MHz or 2048 MHz for
master clock in synchronous mode and
BCLKD is used for both encode and de-
code directions (see Table 1)
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com