Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3189N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3189N
Description  LM3189 FM IF System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3189N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3189N Datasheet HTML 1Page - National Semiconductor (TI) LM3189N Datasheet HTML 2Page - National Semiconductor (TI) LM3189N Datasheet HTML 3Page - National Semiconductor (TI) LM3189N Datasheet HTML 4Page - National Semiconductor (TI) LM3189N Datasheet HTML 5Page - National Semiconductor (TI) LM3189N Datasheet HTML 6Page - National Semiconductor (TI) LM3189N Datasheet HTML 7Page - National Semiconductor (TI) LM3189N Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage Between Pin 11 and Pins 4 14
16V
DC Current Out of Pin 12
5 mA
DC Current Out of Pin 13
5 mA
DC Current Out of Pin 15
2 mA
Power Dissipation (Note 2)
1500 mW
Operating Temperature Range
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
260 C
Electrical Characteristics TA e 25 C Va e 12V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(See Single-Tuned Test Circuit)
STATIC (DC) CHARACTERISTICS
I11
Quiescent Circuit Current
20
31
44
mA
DC Voltages
V1
Terminal 1 (IF Input)
12
20
24
V
V2
Terminal 2 (AC Return to Input)
No Signal Input Non Muted
12
20
24
V
V3
Terminal 3 (DC Bias to Input)
12
20
24
V
V15
Terminal 15 (RF AGC)
75
95
11
V
V10
Terminal 10 (DC Reference)
5
575
6
V
DYNAMIC CHARACTERISTICS
VI(lim)
Input Limiting Voltage (b3 dB Point)
12
25
m
V
AMR
AM Rejection (Term 6)
VIN e 01V
45
55
dB
VO(AF)
Recovered AF Voltage (Term 6)
AM Mod e 30%
fo e 107 MHz
325
500
650
mV
THD
Total Harmonic Distortion (Note 1)
fmod e 400 Hz
Single Tuned (Term 6)
Deviation g75 kHz
05
1
%
Double Tuned (Term 6)
VIN e 01V
01
%
S a NN
Signal Plus Noise to Noise Ratio
65
80
dB
(Term 6)
fDEV
Deviation Mute Frequency
fmod e 0
g
40
kHz
V16
RF AGC Threshold
125
V
V12
On Channel Step
VIN e 01V
fDEV k g40 kHz
0
V
fDEV l g40 kHz
56
Note 1
THD characteristics are essentially a function of the phase characteristics of the network connected between terminals 8 9 and 10
Note 2
For operation in ambient temperatures above 25 C the device must be derated based on a 150 C maximum junction temperature and a thermal resistance
of 80 CW junction to ambient
Connection Diagram
Dual-In-Line Package
TLH7960 – 2
Top View
Order Number LM3189N
See NS Package Number N16E
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com