Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110-4.2YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC79110-4.2YML
Description  Simple 1.2A Linear Li-ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110-4.2YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC79110-4.2YML Datasheet HTML 1Page - Micrel Semiconductor MIC79110-4.2YML Datasheet HTML 2Page - Micrel Semiconductor MIC79110-4.2YML Datasheet HTML 3Page - Micrel Semiconductor MIC79110-4.2YML Datasheet HTML 4Page - Micrel Semiconductor MIC79110-4.2YML Datasheet HTML 5Page - Micrel Semiconductor MIC79110-4.2YML Datasheet HTML 6Page - Micrel Semiconductor MIC79110-4.2YML Datasheet HTML 7Page - Micrel Semiconductor MIC79110-4.2YML Datasheet HTML 8Page - Micrel Semiconductor MIC79110-4.2YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Micrel, Inc.
MIC79110
September 23, 2013
3
Revision 2.1
Absolute Maximum Ratings(2)
Input Supply Voltage (VIN).................................... 0V to 18V
Shutdown Input Voltage (VSD).............................. 0V to 10V
Output Voltage (ADJ) .....................................................10V
Power Dissipation ...................................Internally Limited
Junction Temperature ...............................–40°C to +125°C
Operating Ratings(3)
Input Supply Voltage ........................................ 2.5V to 16V
Shutdown Input Voltage (VSD)................................ 0V to 7V
Output Voltage (ADJ)....................................................9.6V
Junction Temperature Range (TJ).............–40°C to +125°C
3mm × 3mm DFN-10 (θJA)..................................... 60°C
3mm × 3mm DFN-10 (θJC)....................................... 2°C
Electrical Characteristics(4)
TA = 25°C with VIN = VOUT + 1V; ILOAD = 100µA; CBAT = 10µF; SD = 0V; RSET = 1kΩ.
Bold values indicate –40ºC < TJ < +125°C; unless
otherwise specified.
Parameter
Condition
Min.
Typ.
Max.
Units
Output Voltage Accuracy
VOUT = 4.2V; ILOAD = 50mA; TJ = –5°C to +60°C
-0.75
+0.75
%
VOUT = 4.2V; ILOAD = 50mA; TJ = –40°C to +125°C
-1.5
+1.5
ADJ Pin Voltage Accuracy
0.5955
0.6
0.6045
V
Line Regulation
VIN = VOUT + 1V to 16V @ ILOAD = 50mA
-0.1
+0.1
%/V
Load Regulation
ILOAD = 0.1mA to 1A
0.3
%
Dropout Voltage(5)
ILOAD = 100mA, RSET = 167Ω
160
250
mV
ILOAD = 700mA, RSET = 167Ω
375
550
mV
Ground Current
ILOAD = 10mA, RSET = 167Ω
2
3
mA
ILOAD = 700mA, RSET = 167Ω
24
35
mA
VIN Pin Current
SD = VIN
120
300
µA
Shutdown Pin Current
SD = 5.2V, VBAT = 0
0.1
5
µA
Shutdown Input Threshold
Logic High, regulator off
1.05
V
Logic Low, regulator on
0.93
V
Shutdown Hysteresis
60
mV
Current Limit Accuracy(6, 7)
VOUT = 0.9 × VNOM; IOUT = 1.2A, RSET = 167Ω,
TJ = –40°C to +85°C
-5
+5
%
VOUT = 0.9 × VNOM; IOUT = 0.1A, RSET = 2kΩ
-20
+20
%
Current-Limit Setpoint Range(7)
0.1
1.2
A
Notes:
2. Exceeding the absolute maximum rating may damage the device.
3. The device is not guaranteed to function outside its operating rating.
4. Specification for packaged product only.
5. Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential. For outputs below 2.5V, dropout voltage is the input-to-output voltage differential with the minimum input voltage 2.5V. Minimum input
operating voltage is 2.5V.
6. VNOM denotes the nominal output voltage.
7. IRSET = (0.2V/RSET) × 1000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com