Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS2H-3920 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CSS2H-3920
Description  Current Sense Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CSS2H-3920 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CSS2H-3920 Datasheet HTML 1Page - Bourns Electronic Solutions CSS2H-3920 Datasheet HTML 2Page - Bourns Electronic Solutions CSS2H-3920 Datasheet HTML 3Page - Bourns Electronic Solutions CSS2H-3920 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3312-2mmSMDTrimmingPotentiometer
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
ModelCSS2H-3920SeriesCurrentSenseResistor
TCR Curves
1.5
2.0
0.5
1.0
-0.5
0
-1.5
-2.0
-55
-30
-5
20
45
Temperature (°C)
K-Type Resistive Material
70
95
120
145
170
-1.0
Material Chart
±100 PPM TCR
1.5
2.0
0.5
1.0
-0.5
0
-1.5
-2.0
-55
-30
-5
20
45
Temperature (°C)
R-Type Resistive Material
70
95
120
145
170
-1.0
Material Chart
±100 PPM TCR
0.8
1.0
0.2
0.6
-0.2
0
-0.8
-1.0
-55
-30
-5
20
45
Temperature (°C)
K-Type Resistive Material
70
95
120
145
170
-0.6
0.4
-0.4
Material Chart
±50 PPM TCR
0.8
1.0
0.2
0.6
-0.2
0
-0.8
-1.0
-55
-30
-5
20
45
Temperature (°C)
R-Type Resistive Material
70
95
120
145
170
-0.6
0.4
-0.4
Material Chart
±50 PPM TCR
Power Derating Curves
0
0204080
100
120
140
180
20
40
Terminal Temperature (°C)
80
120
100
60
60
70 °C
160
0204080
100
120
140
180
Terminal Temperature (°C)
60
130 °C
160
0
20
40
80
120
100
60
0
0204080
100
120
140
180
20
40
Terminal Temperature (°C)
80
120
100
60
60
70 °C
160
0204080
100
120
140
180
Terminal Temperature (°C)
60
130 °C
160
0
20
40
80
120
100
60
@70 °C
@130 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com