Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC397 Datasheet(PDF) 1 Page - Micross Components

Part # HMC397
Description  Stable Gain Over Temperature
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC397 Datasheet(HTML) 1 Page - Micross Components

  HMC397 Datasheet HTML 1Page - Micross Components HMC397 Datasheet HTML 2Page - Micross Components HMC397 Datasheet HTML 3Page - Micross Components HMC397 Datasheet HTML 4Page - Micross Components HMC397 Datasheet HTML 5Page - Micross Components HMC397 Datasheet HTML 6Page - Micross Components HMC397 Datasheet HTML 7Page - Micross Components HMC397 Datasheet HTML 8Page - Micross Components HMC397 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Design Assistance
Assembly Assistance
Die handling consultancy
Hi-Rel die qualification
Hot & Cold die probing
Electrical test & trimming
Customised Pack Sizes / Qtys
Support for all industry recognised
100% Visual Inspection
Contact
baredie@micross.com
For price, delivery and to place orders
HMC397
supply formats:
o
Waffle Pack
o
Gel Pak
o
Tape & Reel
Onsite storage, stockholding &
scheduling
On-site failure analysis
Bespoke 24 Hour monitored
storage systems for secure long
term product support
o
MIL-STD 883 Condition A
o
MIL-STD 883 Condition A
On-site failure analysis
www.analog.com
www.micross.com


Similar Part No. - HMC397

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC397 HITTITE-HMC397 Datasheet
214Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10.0 GHz
HMC397 HITTITE-HMC397 Datasheet
188Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC397 HITTITE-HMC397 Datasheet
191Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
logo
Analog Devices
HMC397 AD-HMC397 Datasheet
291Kb / 6P
Stable Gain Over Temperature
logo
Hittite Microwave Corpo...
HMC397 HITTITE-HMC397_07 Datasheet
191Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
More results

Similar Description - HMC397

ManufacturerPart #DatasheetDescription
logo
Dielectric Laboratories...
B012MD5S DILABS-B012MD5S Datasheet
730Kb / 3P
Frequency Stable over Temperature
B016MD6S DILABS-B016MD6S Datasheet
555Kb / 3P
Frequency Stable over Temperature
B028RF2S DILABS-B028RF2S Datasheet
350Kb / 3P
Frequency Stable over Temperature
B056RC4S DILABS-B056RC4S Datasheet
327Kb / 3P
Frequency Stable over Temperature
B096QC2S DILABS-B096QC2S Datasheet
347Kb / 3P
Frequency Stable over Temperature
N012ME9S DILABS-N012ME9S Datasheet
426Kb / 2P
Frequency Stable over Temperature
logo
Analog Devices
HMC396 AD-HMC396 Datasheet
285Kb / 6P
Stable Gain Over Temperature
HMC397 AD-HMC397 Datasheet
291Kb / 6P
Stable Gain Over Temperature
logo
Anaren Microwave
XDL09-9-204 ANAREN-XDL09-9-204 Datasheet
117Kb / 3P
Stable over Temperature
XDL20-7-115S ANAREN-XDL20-7-115S Datasheet
128Kb / 3P
Stable over Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com