Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC425 Datasheet(PDF) 4 Page - Micross Components

Part # HMC425
Description  Space Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC425 Datasheet(HTML) 4 Page - Micross Components

  HMC425 Datasheet HTML 1Page - Micross Components HMC425 Datasheet HTML 2Page - Micross Components HMC425 Datasheet HTML 3Page - Micross Components HMC425 Datasheet HTML 4Page - Micross Components HMC425 Datasheet HTML 5Page - Micross Components HMC425 Datasheet HTML 6Page - Micross Components HMC425 Datasheet HTML 7Page - Micross Components HMC425 Datasheet HTML 8Page - Micross Components HMC425 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1
1 - 14
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC425
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
v02.0907
Electrical Specifications,
T
A = +25° C, With Vdd = +5V & Vctl = 0/+5V (Unless Otherwise Noted)
The HMC425 is ideal for:
• Fiber Optics & Broadband Telecom
• Microwave Radio & VSAT
• Military Radios, Radar, & ECM
• Space Applications
0.5 dB LSB Steps to 31.5 dB
Single Control Line Per Bit
±0.5 dB Typical Bit Error
Die Size: 1.5 x 0.85 x 0.1 mm
The HMC425 die is a broadband 6-bit GaAs IC
digital attenuator MMIC chip. Covering 2.4 to 8 GHz,
the insertion loss is less then 3.5 dB typical. The
attenuator bit values are 0.5 (LSB), 1, 2, 4, 8, and
16 dB for a total attenuation of 31.5 dB. Attenuation
accuracy is excellent at ±0.5 dB typical step error
with an IIP3 of +40 dBm. Six control voltage inputs,
toggled between 0 and +3 to +5V, are used to select
each attenuation state. A single Vdd bias of +3 to +5V
is required.
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Units
Insertion Loss
2.4 - 6.0 GHz
6.0 - 8.0 GHz
2.7
3.5
3.2
4.0
dB
dB
Attenuation Range
2.4 - 8.0 GHz
31.5
dB
Return Loss (RF1 & RF2, All Atten. States)
2.4 - 8.0 GHz
12
15
dB
Attenuation Accuracy: (Referenced to Insertion Loss)
All States
2.4 - 8.0 GHz
± 0.4 + 4% of Atten. Setting Max
dB
Input Power for 0.1 dB Compression
Vdd= 5V
Vdd= 3V
2.4 - 8.0 GHz
22
19
dBm
dBm
Input Third Order Intercept Point
(Two-Tone Input Power= 0 dBm Each Tone)
REF - 16.0 dB States
16.5 - 31.5 dB States
2.4 - 8.0 GHz
45
35
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON/tOFF (50% CTL to 10/90% RF)
2.4 - 8.0 GHz
160
180
ns
ns
General Description
Features
Functional Diagram
Typical Applications



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com