Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC441 Datasheet(PDF) 1 Page - Micross Components

Part # HMC441
Description  LO Driver for HMC Mixers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC441 Datasheet(HTML) 1 Page - Micross Components

  HMC441 Datasheet HTML 1Page - Micross Components HMC441 Datasheet HTML 2Page - Micross Components HMC441 Datasheet HTML 3Page - Micross Components HMC441 Datasheet HTML 4Page - Micross Components HMC441 Datasheet HTML 5Page - Micross Components HMC441 Datasheet HTML 6Page - Micross Components HMC441 Datasheet HTML 7Page - Micross Components HMC441 Datasheet HTML 8Page - Micross Components HMC441 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Design Assistance
Assembly Assistance
Die handling consultancy
Hi-Rel die qualification
Hot & Cold die probing
Electrical test & trimming
Customised Pack Sizes / Qtys
Support for all industry recognised
100% Visual Inspection
Contact
baredie@micross.com
For price, delivery and to place orders
HMC441
supply formats:
o
Waffle Pack
o
Gel Pak
o
Tape & Reel
Onsite storage, stockholding &
scheduling
On-site failure analysis
Bespoke 24 Hour monitored
storage systems for secure long
term product support
o
MIL-STD 883 Condition A
o
MIL-STD 883 Condition A
On-site failure analysis
www.analog.com
www.micross.com


Similar Part No. - HMC441

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441 HITTITE-HMC441 Datasheet
281Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.0 - 18.0 GHz
HMC441 HITTITE-HMC441 Datasheet
281Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
logo
Analog Devices
HMC441 AD-HMC441 Datasheet
372Kb / 8P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
logo
Hittite Microwave Corpo...
HMC441LC3B HITTITE-HMC441LC3B Datasheet
259Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC441LC3B HITTITE-HMC441LC3B Datasheet
242Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
More results

Similar Description - HMC441

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1069S-1 MITSUBISHI-MF1069S-1 Datasheet
147Kb / 1P
FOR DIGITAL MOBILE TELEPHONE, Lo
logo
Siemens Semiconductor G...
S042P SIEMENS-S042P Datasheet
85Kb / 6P
Mixers
logo
Maxim Integrated Produc...
MAX2683 MAXIM-MAX2683 Datasheet
304Kb / 18P
3.5GHz Downconverter Mixers with Selectable LO Doubler
19-1620; Rev 0; 1/00
logo
American Accurate Compo...
JXWBHP-N-2-600-7 AAC-JXWBHP-N-2-600-7 Datasheet
114Kb / 1P
Mixers
JXWBHP-N-1-600-10 AAC-JXWBHP-N-1-600-10 Datasheet
112Kb / 1P
Mixers
JXWBHP-A-2-600-13 AAC-JXWBHP-A-2-600-13 Datasheet
121Kb / 1P
Mixers
JXWBHP-A-5-500-23 AAC-JXWBHP-A-5-500-23 Datasheet
71Kb / 1P
Mixers
JXWBHP-H-0.5-500-7 AAC-JXWBHP-H-0.5-500-7 Datasheet
85Kb / 1P
Mixers
logo
Marki Microwave
ADM2-0035PA MARKIMICROWAVE-ADM2-0035PA Datasheet
1Mb / 10P
0.1-35 GHz 2-Stage LO Driver Amplifier
AMM-6702 MARKIMICROWAVE-AMM-6702 Datasheet
1Mb / 20P
20-55 GHz GaAs LO Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com