Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321MFX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM321MFX
Description  Low Power Single Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM321MFX Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM321MFX Datasheet HTML 1Page - National Semiconductor (TI) LM321MFX Datasheet HTML 2Page - National Semiconductor (TI) LM321MFX Datasheet HTML 3Page - National Semiconductor (TI) LM321MFX Datasheet HTML 4Page - National Semiconductor (TI) LM321MFX Datasheet HTML 5Page - National Semiconductor (TI) LM321MFX Datasheet HTML 6Page - National Semiconductor (TI) LM321MFX Datasheet HTML 7Page - National Semiconductor (TI) LM321MFX Datasheet HTML 8Page - National Semiconductor (TI) LM321MFX Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Typical Applications (Continued)
Amplitude Modulator Circuit
DC Summing Amplifier
(V
IN’s ≥ 0VDC and VO ≥ VDC)
20007602
20007607
Where: V0 =V1 +V2 -V3 -V4,(V1+V2) ≥ (V3 +V4) to keep VO > 0VDC
Power Amplifier
LED Driver
20007608
V0 =0 VDC for VIN =0 VDC,AV =10
20007609
Fixed Current Sources
Lamp Driver
20007610
20007611
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com