Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA684 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SA684
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA684 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SA684 Datasheet HTML 1Page - Unisonic Technologies 2SA684 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC2SA684
PNP EPITAXIAL PLANAR TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R202-002,A
PNP EPITAXIAL PLANAR
TRANSISTOR
DESCRIPTION
The UTC 2SA684 is power amplifier and driver.
FEATURES
*Automatic insertion by radial taping possible.
*Complementary pair with 2SC1384
TO-92L
1
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C ,unless otherwise specified )
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Peak Collector Current
Icp
1.5
A
Collector Current(DC)
Ic
1
A
Collector Dissipation( Ta=25
°C)
Pc
1
W
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS(Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector Cut-Off Current
ICBO
VCB=20V,IE=0
0.1
µA
Collector-Base Voltage
VCBO
Ic=10
µA,IE=0
60
V
Collector-Emitter Voltage
VCEO
Ic=2mA,IB=0
50
V
Emitter-Base Voltage
VEBO
IE=10
µA,Ic=0
5
V
DC Current Gain
hFE1
hFE2
VCE=10V,Ic=500mA
VCE=5V,IB=1A
85
50
340
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=0.5A,IB=50mA
0.2
0.4
V
Base-Emitter Saturation Voltage
VBE(sat)
Ic=0.5A,IB=50mA
0.85
1.2
V
Current Gain Bandwidth Product
fT
VCE=10V,IB=50mA,f=200MHz
200
MHz
Output Capacitance
Cob
VCB=10V,IE=0,f=1MHz
20
30
pF


Similar Part No. - 2SA684

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA684 PANASONIC-2SA684 Datasheet
47Kb / 3P
Silicon PNP epitaxial planer type
2SA684 PANASONIC-2SA684 Datasheet
99Kb / 4P
Silicon PNP epitaxial planar type
logo
List of Unclassifed Man...
2SA684 ETC-2SA684 Datasheet
50Kb / 1P
SI PNP EPITAXIAL PLANAR
logo
SeCoS Halbleitertechnol...
2SA684 SECOS-2SA684 Datasheet
236Kb / 3P
PNP Transistor
logo
Daya Electric Group Co....
2SA684 DAYA-2SA684 Datasheet
200Kb / 3P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - 2SA684

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com