Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51RC2-RLSCL Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T89C51RC2-RLSCL
Description  8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-RLSCL Datasheet(HTML) 6 Page - ATMEL Corporation

  T89C51RC2-RLSCL Datasheet HTML 1Page - ATMEL Corporation T89C51RC2-RLSCL Datasheet HTML 2Page - ATMEL Corporation T89C51RC2-RLSCL Datasheet HTML 3Page - ATMEL Corporation T89C51RC2-RLSCL Datasheet HTML 4Page - ATMEL Corporation T89C51RC2-RLSCL Datasheet HTML 5Page - ATMEL Corporation T89C51RC2-RLSCL Datasheet HTML 6Page - ATMEL Corporation T89C51RC2-RLSCL Datasheet HTML 7Page - ATMEL Corporation T89C51RC2-RLSCL Datasheet HTML 8Page - ATMEL Corporation T89C51RC2-RLSCL Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Rev. B - 30-Mar-01
Preliminary
T89C51RB2/RC2
Table 3. Pin Description for 40/44 pin packages
Mnemonic
Pin Number
Type
Name and Function
DIL
LCC
VQFP44
1.4
VSS
20
22
16
I
Ground: 0V reference
VCC
40
44
38
I
Power Supply: This is the power supply voltage for normal, idle and
power-down operation
P0.0-P0.7
39-32
43-36
37-30
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that
have 1s written to them float and can be used as high impedance inputs.
Port 0 must be polarized to VCC or VSS in order to prevent any parasitic
current consumption. Port 0 is also the multiplexed low-order address
and data bus during access to external program and data memory. In this
application, it uses strong internal pull-up when emitting 1s. Port 0 also
inputs the code bytes during FLASH programming. External pull-ups are
required during program verification during which P0 outputs the code
bytes.
P1.0-P1.7
1-8
2-9
40-44
1-3
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups.
Port 1 pins that have 1s written to them are pulled high by the internal
pull-ups and can be used as inputs. As inputs, Port 1 pins that are
externally pulled low will source current because of the internal pull-
ups. Port 1 also receives the low-order address byte during memory
programming and verification.
Alternate functions for T89C51RB2/RC2 Port 1 include:
12
40
I/O
P1.0 : Input / Output
I/O
T2 (P1.0): Timer/Counter 2 external count input/Clockout
23
41
I/O
P1.1 : Input / Output
I
T2EX : Timer/Counter 2 Reload/Capture/Direction Control
I
SS : SPI Slave Select
34
42
I/O
P1.2 : Input / Output
I
ECI : External Clock for the PCA
45
43
I/O
P1.3: Input / Output
I/O
CEX0 : Capture/Compare External I/O for PCA module 0
56
44
I/O
P1.4 : Input / Output
I/O
CEX1 : Capture/Compare External I/O for PCA module 1
67
1
I/O
P1.5 : Input / Output
I/O
CEX2 : Capture/Compare External I/O for PCA module 2
I/O
MISO : SPI Master Input Slave Output line
When SPI is is in master mode , MISO receives data from the slave
peripheral. When SPI is in slave mode , MISO outputs data to the master
controller.
78
2
I/O
P1.6 : Input / Output
I/O
CEX3 : Capture/Compare External I/O for PCA module 3
I/O
SCK : SPI Serial Clock
SCK outputs clock to the slave peripheral
89
3
I/O
P1.7 : Input / Output:
I/O
CEX4 : Capture/Compare External I/O for PCA module 4
I/O
MOSI : SPI Master Output Slave Input line
When SPI is is in master mode , MOSI outputs data to the slave peripheral.
When SPI is in slave mode , MOSI receives data from the master
controller.
XTAL1
19
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input to the
internal clock generator circuits.
XTAL2
18
20
14
O
Crystal 2: Output from the inverting oscillator amplifier



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com