Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51RB2-RLSCL Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T89C51RB2-RLSCL
Description  8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RB2-RLSCL Datasheet(HTML) 1 Page - ATMEL Corporation

  T89C51RB2-RLSCL Datasheet HTML 1Page - ATMEL Corporation T89C51RB2-RLSCL Datasheet HTML 2Page - ATMEL Corporation T89C51RB2-RLSCL Datasheet HTML 3Page - ATMEL Corporation T89C51RB2-RLSCL Datasheet HTML 4Page - ATMEL Corporation T89C51RB2-RLSCL Datasheet HTML 5Page - ATMEL Corporation T89C51RB2-RLSCL Datasheet HTML 6Page - ATMEL Corporation T89C51RB2-RLSCL Datasheet HTML 7Page - ATMEL Corporation T89C51RB2-RLSCL Datasheet HTML 8Page - ATMEL Corporation T89C51RB2-RLSCL Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. B - 30-Mar-01
1
Preliminary
T89C51RB2/RC2
8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
1. Description
T89C51RB2/RC2 is a high performance FLASH version
of the 80C51 8-bit microcontrollers. It contains a 16K
or 32Kbytes Flash memory block for program and data.
The 16 Kbytes or 32 Kbytes FLASH memory can be
programmed either in parallel mode or in serial mode
with the ISP capability or with software. The
programming voltage is internally generated from the
standard VCC pin.
The T89C51RB2/RC2 retains all features of the 80C52
with 256 bytes of internal RAM, a 7-source 4-level
interrupt controller and three timer/counters.
In addition, the T89C51RB2/RC2 has a Programmable
Counter Array, an XRAM of 1024 byte, a Hardware
Watchdog Timer, a Keyboard Interface, a SPI Interface,
a more versatile serial channel that facilitates
multiprocessor communication (EUART) and a speed
improvement mechanism (X2 mode).
Pinout is the standard 40/44 pins of the C52.
The fully static design of the T89C51RB2/RC2 allows
to reduce system power consumption by bringing the
clock frequency down to any value, even DC, without
loss of data.
The T89C51RB2/RC2 has 2 software-selectable modes
of reduced activity and 8 bit clock prescaler for further
reduction in power consumption. In the Idle mode the
CPU is frozen while the peripherals and the interrupt
system are still operating. In the power-down mode the
RAM is saved and all other functions are inoperative.
The added features of the T89C51RB2/RC2 make it more
powerful for applications that need
pulse width
modulation, high speed I/O and counting capabilities
such as alarms, motor control, corded phones, smart card
readers.
2. Features
• 80C52 Compatible
• 8051 pin and instruction compatible
• Four 8-bit I/O ports
• Three 16-bit timer/counters
• 256 bytes scratch pad RAM
• 10 Interrupt sources with 4 priority levels
• Dual Data Pointer
• Variable length MOVX for slow RAM/peripherals
• ISP (In System Programming) using standard VCC
power supply.
• Boot ROM contains low level FLASH programming
routines and a default serial loader
• High-Speed Architecture
• 40 MHz in standard mode
• 20 MHz in X2 mode (6 clocks/machine cycle)
• 16K/32K bytes on-chip FLASH program / data
Memory
• Byte and page (128 bytes) erase and write
• 100k write cycles
• On-chip 1024 bytes expanded RAM (XRAM)
• Software selectable size (0, 256, 512, 768, 1024
bytes)
• 256 bytes selected at reset for TS87C51RB2/RC2
compatibility
• Keyboard interrupt interface on port P1
• SPI Interface (Master / Slave Mode)
• 8-bit clock prescaler
• Improved X2 mode with independant selection for
CPU and each peripheral
• Programmable Counter Array 5 Channels with:
•
High Speed Output,
•
Compare / Capture,
•
Pulse Width Modulator,
•
Watchdog Timer Capabilities
• Asynchronous port reset
• Full duplex Enhanced UART
• Dedicated Baud Rate Generator for UART
• Low EMI (inhibit ALE)


Similar Part No. - T89C51RB2-RLSCL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RB2-RLTIL ATMEL-T89C51RB2-RLTIL Datasheet
1Mb / 117P
8-bit Microcontroller with 16K/ 32K Bytes Flash
T89C51RB2-RLTIM ATMEL-T89C51RB2-RLTIM Datasheet
1Mb / 117P
8-bit Microcontroller with 16K/ 32K Bytes Flash
More results

Similar Description - T89C51RB2-RLSCL

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M87C51FC INTEL-M87C51FC Datasheet
257Kb / 15P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 32 KBYTES USER PROGRAMMABLE EPROM
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Integrated Silicon Solu...
89C52 ISSI-89C52 Datasheet
425Kb / 50P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
logo
Integrated Circuit Solu...
IC89C54 ICSI-IC89C54 Datasheet
142Kb / 24P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
IC89C52 ICSI-IC89C52 Datasheet
131Kb / 22P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89E54 ICSI-IC89E54 Datasheet
180Kb / 36P
8-BITS SINGLE MICROCONTROLLER with 16/32/64-Kbytes of FLASH, 256 byte 512 byte RAM
IC89LV52 ICSI-IC89LV52 Datasheet
218Kb / 22P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
logo
Integrated Silicon Solu...
IS89C51 ISSI-IS89C51 Datasheet
280Kb / 48P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 4-Kbytes of FLASH
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com