Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2SC4097RT1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L2SC4097RT1
Description  Medium Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SC4097RT1 Datasheet(HTML) 2 Page - Leshan Radio Company

  L2SC4097RT1 Datasheet HTML 1Page - Leshan Radio Company L2SC4097RT1 Datasheet HTML 2Page - Leshan Radio Company L2SC4097RT1 Datasheet HTML 3Page - Leshan Radio Company L2SC4097RT1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
L2SC4097RT1-2/4
L2SC4097RT1
Electrical characteristic curves(TA = 25
°C)
0.8
0.2
0.4
0.9
0.7
0.5
1.1
0.3
1.0
0.6
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
Ta=100OC
25OC
80OC
25OC
55 OC
VCE=6V
BASE TO EMITTER VOLTAGE : VBE(V)
Fig.1
Grounded emitter propagation characteristics
1
0
2
3
4
5
0
100
50
0.50mA
0.45mA
0.40mA
0.35mA
0.30mA
0.25mA
0.20mA
0.15mA
0.10mA
0.05mA
IB
= 0A
Ta = 25
OC
COLLECTOR TO EMITTER VOLTAGE : VCE(V)
Fig.2
Grounded emitter output characteristics(I)
COLLECTOR TO EMITTER VOLTAGE : VCE(V)
1
0
2345
0
500
400
300
200
100
2mA
1.8mA
1.6mA
1.4mA
1.2mA
0.2mA
0.4mA
0.6mA
0.8mA
1.0mA
I B=0A
Ta = 25
OC
Fig.3
Grounded emitter output characteristics(II)
COLLECTOR TO EMITTER VOLTAGE : VCE(V)
0.5
1
2
5
1 0
2 0
5 0
100
1000
200
500
0.2
0.5
1
0.02
0.05
0.1
=25
OC
Ta
lC /l B =10
Fig.4 Collector-emitter saturation voltage vs. collector current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com