Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDCBCTRL1015W Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LEDCBCTRL1015W
Description  Accessories kit for use with LED retrofit lamps
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDCBCTRL1015W Datasheet(HTML) 3 Page - OSRAM GmbH

  LEDCBCTRL1015W Datasheet HTML 1Page - OSRAM GmbH LEDCBCTRL1015W Datasheet HTML 2Page - OSRAM GmbH LEDCBCTRL1015W Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Equipment / Accessories
_ Connector clips included
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4052899090873
LEDriving Canbus
Control 5 W
Folding carton box
2
95 mm x 30 mm x
135 mm
0.38 dm³
71.00 g
4052899090880
LEDriving Canbus
Control 5 W
Shipping carton box
20
198 mm x 160 mm x
146 mm
4.63 dm³
816.00 g
4052899090897
LEDriving Canbus
Control 5 W
Shipping carton box
160
- x - x -
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
References / Links
Guarantee terms are available at
www.osram.com/am-guarantee
Legal advice
Not ECE conform
Only approved for off-road use. Any use on public road traffic leads to cancellation of vehicle operating licence and loss of
insurance cover.
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 12, 2016, 09:55:36
© 2016, OSRAM GmbH. All rights reserved.
LEDriving Canbus Control 5 W
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com